Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930B Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAN7930B
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930B Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAN7930B Datasheet HTML 7Page - ON Semiconductor FAN7930B Datasheet HTML 8Page - ON Semiconductor FAN7930B Datasheet HTML 9Page - ON Semiconductor FAN7930B Datasheet HTML 10Page - ON Semiconductor FAN7930B Datasheet HTML 11Page - ON Semiconductor FAN7930B Datasheet HTML 12Page - ON Semiconductor FAN7930B Datasheet HTML 13Page - ON Semiconductor FAN7930B Datasheet HTML 14Page - ON Semiconductor FAN7930B Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.onsemi.com
11
Applications Information
1. Startup: Nor mally, supply voltage (V CC) of a PFC
block is fed from the additional pow er supply, w hich can
be called standby pow er. Without this standby pow er,
auxiliary w inding for zero current detection can be used
as a supply source. Once the supply voltage of the PFC
block exceeds 12 V, internal operation is enabled until
the voltage drops to 8. 5 V. If VCC exceeds VZ, 20 mA
current is sinking from VCC.
VCC
VZ
+
-
VTH(S/S)
12
8.5
VCC
2.5VREF
internal
bias
VBIAS
VREF
reset
H:open
20mA
PFC Inductor
Aux. Winding
VIN
PFC
VOUT
PFC
External VCC circuit
when no standby power exists.
8
Figure 22.
Startup Circuit
2. INV Block : Scaled-dow n voltage from the output is
the input for the INV pin. Many functions are embedded
based on the INV pin: transconductance amplifier,
output OVP comparator, and disable comparator.
For the output voltage contr ol, a transconductance
amplifier is used instead of the conventional voltage
amplifier. The transconductance amplifier (voltage-
controlled c urrent source) aids the implementation of
the OV P and disable functions. The output current of
the
amplifier
changes
according
to
the
voltage
difference of the inverting and non- inver ting input of
the amplifier. To cancel dow n the line input voltage
effect on pow er factor correction, the effective contr ol
response of the PFC bloc k should be slow er than the
line frequency and this conflicts w ith the transient
response of the c ontr oller. Tw o-pole one-zero type
compensation can meet both requirements.
The OV P comparator shuts dow n the output drive
bloc k w hen the voltage of the INV pin is higher than
2.675 V and ther e is 0.175 V hysteresis. The disable
compar ator disables operation w hen the voltage of the
inverting input is low er than 0.35 V and there is
100 mV hysteresis. An exter nal s mall-signal MOSFET
can be used to disable the IC, as show n in Figure 23.
The IC operating current decreas es to reduce pow er
consumption if the IC is disabled. Figur e 24 is the
timing chart of the internal circuit near the INV pin
w hen rated PFC output voltage is 390 VDC and VCC
supply voltage is 15 V.
Figure 23.
Circuit Around INV Pin
Figure 24.
Tim ing Chart for INV Block
3.
OVP
Pin:
Over-Voltage
Protection
( OV P)
is
embedded by the infor mation at the INV pin. That
information comes from the output through the voltage
dividing resistors. To scale dow n from a high voltage to
a low one, high resistance is nor mally used w ith low
resistance. If the resistor
of high res istance gets
damaged and resistance is changed to high, though INV
pin infor mation is nor mal, output voltage exceeds its
rated output. If this occurs, the output electrolytic
capacitor
may
be damaged.
To
prevent such a
catastrophe additional OV P pin is assigned to double-
check output voltage. Additional OV P may be called
“second” OV P, w hile INV pin OV P is called “first” OVP.
Since the tw o OVP conditions are quite different, the
protection recovering mode is different.
+
-
+
-
+
-
VOUT
PFC
+
-
2.5V
0. 45V/0. 35V
INV Open
2. 675V/2.5V
OVP
2.885V
1
INV
3
COMP
0.45
0 35
d i sabl e
2 .6 75
2.5
d i sabl e
OVP
2
2
nd OVP
2 8 85
h i gh
390V DC
2 .50V
2 .65V
0. 45V
Current Sourcing
Current Sourc ing
I s ink ing
0. 35V
1. 64V
2.24 V
2. 50V
2. 0V
413V
390V
70V
55V
V
OUT
PFC
V INV
VCC
IOUT
COMP
Disable
OVP
t
V
CC<2 V, internal logic is not aliv e
.
- Internal s ignals are unk nown
.
15V


Similar Part No. - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930BM FAIRCHILD-FAN7930BM Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930BMX FAIRCHILD-FAN7930BMX Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com