Electronic Components Datasheet Search |
|
FAN7930B Datasheet(PDF) 1 Page - ON Semiconductor |
|
|
FAN7930B Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 22 page © 2010 Semiconductor Components Industries, LLC. Publication Order Number: September-2017, Rev. 2 FAN7930BMX-G/D FAN7930B Critical Conduction Mode PFC Controller Features Additional OVP Detection Pin V IN-Absent Detection Maximum Sw itching Frequency Limitation Internal Soft-Start and Startup w ithout Overshoot Internal Total Harmonic Distortion (THD) Optimizer Precise Adjustable Output Over-Voltage Protection Open-Feedback Protection and Disable Function Zero Current Detector (ZCD) 150 μs Internal Startup Timer MOSFET Over-Current Protection (OCP) Under-Voltage Lockout w ith 3.5 V Hysteresis Low Startup and Operating Current Totem-Pole Output w ith High State Clamp +500/-800 mA Peak Gate Drive Current 8-Pin, Small-Outline Package (SOP) Applications Adapter Ballast LCD TV, CRT TV SMPS Ordering Information Part Number Operating Temperature Range Top Mark Package Packing Method FAN7930BMX-G -40 to +125°C FAN7930BG 8-Lead, Small-Outline Package (SOP) Tape & Reel Description The FA N7930 B is an active pow er factor correction ( PFC) controller for boost PFC applications that operate in critical conduction mode ( CRM). It uses a voltage- mode PWM that c ompares an internal ramp signal w ith the error amplifier output to gener ate a MOSFET turn-off signal. Because the voltage- mode CRM PFC controller does not need rectified A C line voltage infor mation, it saves the pow er loss of an input voltage sensing netw ork necessary for a current- mode CRM PFC controller. FA N7930B provides over-voltage protection (OV P), open-feedback protection, over-current protection (OCP), input-voltage-absent detection, and under- voltage lockout protection ( UVLO). The additional OV P pin can be used to shut dow n the boost pow er stage w hen output voltage exceeds OV P level due to the resistors that are connected at INV pin are damaged. The FAN7930B can be disabled if the INV pin voltage is low er than 0.45 V and the operating current decreases to a very low level. Us ing a new variable on-time control method, total har monic distortion (THD) is low er than in conventional CRM boost PFC ICs. Related Resources http://www.onsemi.com/pub/Collateral/AN-8035.pdf.pdf |
Similar Part No. - FAN7930B |
|
Similar Description - FAN7930B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |