Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6BR Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 6BR
Description  Field-mounted Two-wire Signal Conditioners 6B-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6BR Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  6BR Datasheet HTML 1Page - M-System Co.,Ltd. 6BR Datasheet HTML 2Page - M-System Co.,Ltd. 6BR Datasheet HTML 3Page - M-System Co.,Ltd. 6BR Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 6BR
6BR SPECIFICATIONS
ES-8863 Rev.1 Page 2/4
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Maximum leadwire resistance: 5 Ω per wire (3-wire)
Sensing current: 1 mA
100
°C or Wider Span (180°F or Wider Span)
0% TEMP.
100% TEMP.
UNIT
°C
°F
°C
°F
°C
°F
0 –
50
32 – 122
100 – 500
212 – 932
10
18
200 – 250
392 – 482
300 – 500
572 – 932
10
18
300
572
500
932
---
---
-50 –
0
-58 – 32
50 – 350
122 – 662
10
18
-100 – -50
-148 – -58
0 –
50
32 – 122
10
18
50 – 100
°C Span (90 – 180°F Span)
0% TEMP.
100% TEMP.
UNIT
°C
°F
°C
°F
°C
°F
0 –
50
32 – 122
50 – 100
122 – 212
5
9
-50 –
0
-58 – 32
0 –
50
32 – 122
5
9
-100 – -50
-148 – -58
-50 –
0
-58 –
32
5
9
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage: Load Resistance (Ω) =
(Supply Voltage (V) – 13 (V)) ÷ 0.02 (A)
(including leadwire resistance)
10
15
20
25
28
13
0
150
300
450
600
750
SUPPLY VOLTAGE [V]
(550Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 13 – 28 V DC
Operating temperature: -5 to +70°C (23 to 158°F)
Weight:
• Unit
Approx. 1.5 kg (2.9 lb), aluminium
Approx. 4.2 kg (8.8 lb), stainless steel
• Mounting bracket assembly (option)
Approx. 0.78 kg (1.72 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Burnout response: Approx. 1 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or output to outdoor enclosure )


Similar Description - 6BR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6BFN MSYSTEM-6BFN Datasheet
111Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BLC MSYSTEM-6BLC Datasheet
116Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BM MSYSTEM-6BM Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BPA MSYSTEM-6BPA Datasheet
115Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BSN MSYSTEM-6BSN Datasheet
111Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS MSYSTEM-6BTS Datasheet
120Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1 MSYSTEM-6BTS1 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BVS MSYSTEM-6BVS Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com