Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6BR Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 6BR
Description  Field-mounted Two-wire Signal Conditioners 6B-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6BR Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  6BR Datasheet HTML 1Page - M-System Co.,Ltd. 6BR Datasheet HTML 2Page - M-System Co.,Ltd. 6BR Datasheet HTML 3Page - M-System Co.,Ltd. 6BR Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 6BR
6BR SPECIFICATIONS
ES-8863 Rev.1 Page 1/4
http://www.m-system.co.jp/
Field-mounted Two-wire
Signal Conditioners 6B-UNIT
RTD TRANSMITTER
(field-selectable temp. range)
Functions & Features
• IP66 / IP67 housing enables field mounting
• Stainless steel field housing selectable
• Transmitter using each RTD as a probe
• Temperature range configurable with DIP switch
• With linearization, burnout protection
MODEL: 6BR-0[1][2][3][4][5]
ORDERING INFORMATION
• Code number: 6BR-0[1][2][3][4][5]
Specify a code from below for each of [1] through [5].
(e.g. 6BR-040A1 / BL)
• Temperature range (e.g. 0 - 100 °C)
SAFETY APPROVAL
0: None
[1] INPUT RTD (2- or 3-wire)
3: Pt 100 (JIS ’89)
4: Pt 100 (JIS ’97, IEC)
Note: Consult M-System for 2-wire RTD
[2] WIRING CONDUIT
0: G 1/2
1: 1/2 NPT
2: M20 × 1.5
3: PG 13.5
[3] ENCLOSURE MATERIAL
A: Diecast aluminum
S: Stainless steel casting
[4] MOUNTING BRACKET
0: Without
1: With
[5] OPTIONS
Burnout
blank: Upscale burnout
/BL: Downscale burnout
PACKAGE INCLUDES...
• Mounting screws
Bolt (M8 x 15): 4
Spring washer for M8: 4
Material: Stainless steel 304
• Mounting bracket assembly (option):
Mounting bracket: 1
M10 U-bolt: 2
Nut for M10: 4
Spring washer for M10: 4
Material: Stainless steel 304
Applicable pipe: 1 1/2” min.; 2” max.
GENERAL SPECIFICATIONS
Degree of protection: NEMA 4X, IP66/IP67
Wiring conduit: See ‘Ordering information.’
Electrical connection: M3 screw terminals
(torque 0.6 N·m)
Materials
• Transmitter housing: Diecast aluminum
Screw terminals: Nickel-plated steel
• Enclosure: Diecast aluminum or stainless steel casting
(equivalent to type 316); silver color, epoxy resin coated
Isolation: Input or output to outdoor enclosure
Output limit: Approx. 120 %
Zero adjustment: -3 – +15 % (behind the access cover)
Span adjustment: 90 to 110 % (behind the access cover)
Linearization: Standard


Similar Description - 6BR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6BFN MSYSTEM-6BFN Datasheet
111Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BLC MSYSTEM-6BLC Datasheet
116Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BM MSYSTEM-6BM Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BPA MSYSTEM-6BPA Datasheet
115Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BSN MSYSTEM-6BSN Datasheet
111Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS MSYSTEM-6BTS Datasheet
120Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1 MSYSTEM-6BTS1 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BVS MSYSTEM-6BVS Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com