Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6BR Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 6BR
Description  Field-mounted Two-wire Signal Conditioners 6B-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

6BR Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  6BR Datasheet HTML 1Page - M-System Co.,Ltd. 6BR Datasheet HTML 2Page - M-System Co.,Ltd. 6BR Datasheet HTML 3Page - M-System Co.,Ltd. 6BR Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 6BR
6BR SPECIFICATIONS
ES-8863 Rev.1 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
4–M8, 12 deep
92 (3.62)
110 (4.33)
MOUNTING BRACKET
(optional)
2–G 1/2, 1/2NPT, M20x1.5 or PG13.5
114 (4.49)
110 (4.33)
SPACE REQUIRED TO REMOVE COVER
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
LOAD
OUTPUT
24V DC
4 − 20mA DC
6
5
1
3
2
4
+
A
B
B
RTD
Output
Driver
Reference
Resistor
Linearizer
S
Z
Burnout
Protection
Differential
Amplifier
Constant
Current


Similar Description - 6BR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6BFN MSYSTEM-6BFN Datasheet
111Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BLC MSYSTEM-6BLC Datasheet
116Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BM MSYSTEM-6BM Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BPA MSYSTEM-6BPA Datasheet
115Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BSN MSYSTEM-6BSN Datasheet
111Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS MSYSTEM-6BTS Datasheet
120Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1 MSYSTEM-6BTS1 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BVS MSYSTEM-6BVS Datasheet
114Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com