Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43172015 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2214-2FX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
https://www.phoenixcontact.com/us/products/2702905
05/20/2021   Page 1 / 14
Industrial Ethernet Switch - FL SWITCH 2214-2FX - 2702905
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Managed Switch 2000, 14 RJ45 ports 10/100 Mbps, 2 SC multi-mode 100 Mbps, degree of protection: IP20,
PROFINET Conformance-Class B
Your advantages
 Suitable for PROFINET and EtherNet/IP™ networks
 Easy and fast startup and commissioning with the FL NETWORK MANAGER software
 Configuration memory
 RSTP
 DHCP client, DHCP server (pool-based and port-based), DHCP option 82
 VLANs
 MRP (client and manager)
 Web-based management, SNMP
 -40°C ... +70°C ambient temperature
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626397184
Weight per Piece (excluding packing)
640.000 g
Custom tariff number
85176200
Country of origin
Germany
Technical data
Note


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
42Kb / 2P
Plastic dust protection cap - TU-Z2003
43172015 PHOENIX-43172015 Datasheet
49Kb / 2P
Insertion bridge - EB 84 IB ST RD
43172015 PHOENIX-43172015 Datasheet
59Kb / 3P
Device connector, front mounting - PV-08P1N126100
43172015 PHOENIX-43172015 Datasheet
61Kb / 3P
Device connector, front mounting - PV-14P1N126100
43172015 PHOENIX-43172015 Datasheet
60Kb / 3P
Device connector, rear mounting - PV-14P1N12HG00
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700997 PHOENIX-2700997 Datasheet
72Kb / 6P
Industrial Ethernet Switch - FL SWITCH SMCS 14TX/2FX
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
Industrial Ethernet Switch - FL SWITCH 2206-2FX
2832593 PHOENIX-2832593 Datasheet
111Kb / 9P
Industrial Ethernet Switch - FL SWITCH SF 14TX/2FX
09/12/2020
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
1006188 PHOENIX-1006188 Datasheet
748Kb / 21P
Industrial Ethernet Switch - FL SWITCH 2214-2SFX
Dec 2, 2022
1095628 PHOENIX-1095628 Datasheet
807Kb / 23P
Industrial Ethernet Switch - FL SWITCH 2206C-2FX
Dec 2, 2022
1044030 PHOENIX-1044030 Datasheet
994Kb / 30P
Industrial Ethernet Switch - FL SWITCH 2214-2SFXPN
Dec 2, 2022
2891025 PHOENIX-2891025 Datasheet
631Kb / 20P
Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX
Dec 2, 2022
2702906 PHOENIX-2702906 Datasheet
791Kb / 24P
Industrial Ethernet Switch - FL SWITCH 2214-2FX SM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com