Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43172015 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2214-2FX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT 43172015 Datasheet HTML 10Page - PHOENIX CONTACT 43172015 Datasheet HTML 11Page - PHOENIX CONTACT 43172015 Datasheet HTML 12Page - PHOENIX CONTACT 43172015 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
https://www.phoenixcontact.com/us/products/2702905
05/20/2021   Page 9 / 14
Industrial Ethernet Switch - FL SWITCH 2214-2FX - 2702905
Accessories
Patch cable - NBC-R4AC/2,0-93B/R4AC - 1408969
Patch cable, degree of protection: IP20, cable length: 2 m, number of positions: 4, 100 Mbps, CAT5, material: PA 6.6,
PROFINET
 
 
Patch cable - NBC-R4AC/5,0-93B/R4AC - 1408970
Patch cable, degree of protection: IP20, cable length: 5 m, number of positions: 4, 100 Mbps, CAT5, material: PA 6.6,
PROFINET
 
 
FO patch cable - FOC-LC:PA-SC:PA-OM2:D01/1 - 1115607
Multi-mode OM2 duplex jumper, LC-SC, UPC polishing, length 1 m
 
 
FO patch cable - FOC-LC:PA-SC:PA-OM2:D01/2 - 1115605
Multi-mode OM2 duplex jumper, LC-SC, UPC polishing, length 2 m
 
 
FO patch cable - FOC-SC:PA-SC:PA-OM2:D01/1 - 1115536
Multi-mode OM2 duplex jumper, SC-SC, UPC polishing, length 1 m
 
 


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
42Kb / 2P
Plastic dust protection cap - TU-Z2003
43172015 PHOENIX-43172015 Datasheet
49Kb / 2P
Insertion bridge - EB 84 IB ST RD
43172015 PHOENIX-43172015 Datasheet
59Kb / 3P
Device connector, front mounting - PV-08P1N126100
43172015 PHOENIX-43172015 Datasheet
61Kb / 3P
Device connector, front mounting - PV-14P1N126100
43172015 PHOENIX-43172015 Datasheet
60Kb / 3P
Device connector, rear mounting - PV-14P1N12HG00
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700997 PHOENIX-2700997 Datasheet
72Kb / 6P
Industrial Ethernet Switch - FL SWITCH SMCS 14TX/2FX
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
Industrial Ethernet Switch - FL SWITCH 2206-2FX
2832593 PHOENIX-2832593 Datasheet
111Kb / 9P
Industrial Ethernet Switch - FL SWITCH SF 14TX/2FX
09/12/2020
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
1006188 PHOENIX-1006188 Datasheet
748Kb / 21P
Industrial Ethernet Switch - FL SWITCH 2214-2SFX
Dec 2, 2022
1095628 PHOENIX-1095628 Datasheet
807Kb / 23P
Industrial Ethernet Switch - FL SWITCH 2206C-2FX
Dec 2, 2022
1044030 PHOENIX-1044030 Datasheet
994Kb / 30P
Industrial Ethernet Switch - FL SWITCH 2214-2SFXPN
Dec 2, 2022
2891025 PHOENIX-2891025 Datasheet
631Kb / 20P
Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX
Dec 2, 2022
2702906 PHOENIX-2702906 Datasheet
791Kb / 24P
Industrial Ethernet Switch - FL SWITCH 2214-2FX SM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com