Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43172015 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2214-2FX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
https://www.phoenixcontact.com/us/products/2702905
05/20/2021   Page 5 / 14
Industrial Ethernet Switch - FL SWITCH 2214-2FX - 2702905
Technical data
Connection data
Conductor cross section solid max.
1.5 mm²
Conductor cross section flexible min.
0.25 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
16
Stripping length
9 mm
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Interference emission
EN 61000-6-2 EN 61000-6-4 (interference) Class A
Conducted noise emission
EN 61000-6-2 EN 61000-6-4 (conducted interference) Class A
Immunity to surge
EN 61000-6-2 EN 61000-4-5 (surge) Criterion A
Immunity to burst
EN 61000-6-2 EN 61000-4-4 (EFT burst) Criterion A
Immunity to EF
EN 61000-6-2 EN 61000-4-3 (electromagnetic fields) Criterion A
Immunity to ESD
EN 61000-6-2 EN 61000-4-2 (ESD) Criterion B
Immunity to conducted interference
EN 61000-6-2 EN 61000-4-6 (line noise immunity) Criterion A
Type of test
Free fall in accordance with EN 61131-2
Noise emission
EN 61000-6-4
Noise immunity
EN 61000-6-2
Vibration (storage/transport)
5g, 150 Hz, in acc. with IEC 60068-2-6
Free from substances that could impair the application of coating
Yes
Shipbuilding approval
Tested in accordance with IEC 60945 and IACS E10
Vibration (operation)
in acc. with IEC 60068-2-6: 5g, 150 Hz
Shock (operation)
30g (EN 60068-2-27)
ATEX
 II 3 G Ex ec IIC T4 Gc
IECEx
Ex ec IIC T4 Gc
UL, USA
UL 60079-0, Ed.6 / UL 60079-7, Ed.5
UL, USA/Canada
Class I, Div. 2, Groups A, B, C, D T4
Class I, Zone 2, IIC T4
UL, Canada
CSA C22.2 NO.60079-0, Ed.3 / CSA C22.2 NO.60079-7:16
Noxious gas test
ISA S71.04.2013 G3 Harsh Group A
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”, Category
“Manufacturer's declaration”


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6FP2000
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-09P1N122S00
43172015 PHOENIX-43172015 Datasheet
244Kb / 6P
   Cable connector - CA-07S1N12T007S
43172015 PHOENIX-43172015 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008
43172015 PHOENIX-43172015 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702906 PHOENIX-2702906 Datasheet
791Kb / 24P
   Industrial Ethernet Switch - FL SWITCH 2214-2FX SM
1044030 PHOENIX-1044030 Datasheet
994Kb / 30P
   Industrial Ethernet Switch - FL SWITCH 2214-2SFXPN
Dec 2, 2022
1006188 PHOENIX-1006188 Datasheet
748Kb / 21P
   Industrial Ethernet Switch - FL SWITCH 2214-2SFX
Dec 2, 2022
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
   Industrial Ethernet Switch - FL SWITCH 2206-2FX
1095628 PHOENIX-1095628 Datasheet
807Kb / 23P
   Industrial Ethernet Switch - FL SWITCH 2206C-2FX
Dec 2, 2022
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2891025 PHOENIX-2891025 Datasheet
631Kb / 20P
   Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX
Dec 2, 2022
2832593 PHOENIX-2832593 Datasheet
111Kb / 9P
   Industrial Ethernet Switch - FL SWITCH SF 14TX/2FX
09/12/2020
2700997 PHOENIX-2700997 Datasheet
72Kb / 6P
   Industrial Ethernet Switch - FL SWITCH SMCS 14TX/2FX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com