Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2930233 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2930233
Description  Code Reader
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2930233 Datasheet(HTML) 1 Page - Festo Corporation.

  2930233 Datasheet HTML 1Page - Festo Corporation. 2930233 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Code Reader
SBSI-B-R3B-F12-W
Part number: 2930233
Data sheet
Feature
Value
Type code
SBSI
KC characters
KC EMC
Vision sensor version
Code reader
CE marking (see declaration of conformity)
As per EU EMC directive
Certification
RCM compliance mark
c UL us - Listed (OL)
Working distance
30 mm - infinite
Focal length
12 mm
Field of view
min. 8 x 6 mm
Focus setting
With adjusting screw
Lens attachment
Integrated optics
Lighting type
Integrated
Type of light
White
LED
Sensor type
Monochrome
Sensor resolution
736 x 480 pixels (WideVGA)
Frame rate (full image)
50 fps
Max. no. of inspection programs/jobs
8
Max. number of test criteria/detectors
2
Function of detectors/characteristics
EAN
UPC
RSS
2/5 interleaved
2/5 Industrial
Code 39
Code 93
Code 128
GS1
Pharma code
Codabar
ECC200
QR code
PDF 417
Typical cycle time
1D bar code: 30 ms
2D code: 40 ms
Information on Ethernet, connection technology
Socket
M12
4-pin
Ethernet, data transmission speed
100 Mbit/s
6/2/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 2930233

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2930232 FESTO-2930232 Datasheet
84Kb / 2P
   Code Reader
2930234 FESTO-2930234 Datasheet
83Kb / 2P
   Code Reader
2930235 FESTO-2930235 Datasheet
83Kb / 2P
   Code Reader
2930236 FESTO-2930236 Datasheet
83Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
More results

Similar Description - 2930233

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
2930232 FESTO-2930232 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
8058716 FESTO-8058716 Datasheet
84Kb / 2P
   Code Reader
8058720 FESTO-8058720 Datasheet
83Kb / 2P
   Code Reader
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com