Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETRGI Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRGI
Description  HOME APPLICATION RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRGI Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRGI Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGI Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGI Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
HOME APPLICATION RELAY
ETR GI SERIES
▓FEATURES
Switching current up to 25A.
P.C.Board & Plug-in Terminal available.
Employment of suitable plastic materials to be applied to high temperature and various
chemical solutions.
Halogen Free series available.
UL Class F insulation available.
Comply with RoHS and REACH regulations.
▓SPECIFICATIONS
Contact Resistance
Max. 100mΩ at initial value. @1A,6VDC
Contact Capacity
25 Amps at 277VAC Cosφ=1
23 Amps at 277VAC Cosφ=1
Operate Time
20m Sec. Max.
Release Time
10m Sec. Max.
Dielectric Strength
Between coil & Contact: 4000VAC at 50/60Hz for one minute
Between Contacts: 1000VAC at 50/60Hz for one minute
Insulation Resistance
100MΩ Min. at 500VDC
▓COIL SPECIFICATION AT 20℃
Coil
Sensitivity
Nominal
Voltage
(VDC)
Nominal
Current
(Ma)
Coil
Resistance
(Ω±10%)
Power
Consumption
(W)
Pull-In
Voltage
(VDC)
Drop-Out
Voltage
(VDC)
Max.
Allowable
Voltage
(VDC)
6
150
40
12
75
160
24
37.5
640
GI
48
18.8
2,560
Abt. 0.9
70%
Max.
10%
Min.
110%


Similar Part No. - ETRGI

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETRGIN ECE-ETRGIN Datasheet
104Kb / 2P
AUTOMOTIVE RELAY
ETRGIN-SH-109DMZ ECE-ETRGIN-SH-109DMZ Datasheet
104Kb / 2P
AUTOMOTIVE RELAY
ETRGIN-SH-112D ECE-ETRGIN-SH-112D Datasheet
104Kb / 2P
AUTOMOTIVE RELAY
ETRGIN-SH-112DMZ ECE-ETRGIN-SH-112DMZ Datasheet
104Kb / 2P
AUTOMOTIVE RELAY
ETRGIN-SH-124DMZ ECE-ETRGIN-SH-124DMZ Datasheet
104Kb / 2P
AUTOMOTIVE RELAY
More results

Similar Description - ETRGI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
logo
Nais(Matsushita Electri...
ALF1P05 NAIS-ALF1P05 Datasheet
92Kb / 3P
20A Power Relay For Home appliances
logo
Toshiba Semiconductor
SSM6K32TU TOSHIBA-SSM6K32TU Datasheet
612Kb / 6P
Relay drive, DC/DC converter application
logo
Amphenol Corporation
AAS-920-086C AMPHENOL-AAS-920-086C Datasheet
298Kb / 4P
Home inspectors
logo
EXCEL CELL ELECTRONIC C...
ETRRE ECE-ETRRE Datasheet
185Kb / 4P
HOME APPLICATION RELAY
ETRRET ECE-ETRRET Datasheet
164Kb / 4P
HOME APPLICATION RELAY
ETRRPT ECE-ETRRPT Datasheet
153Kb / 5P
HOME APPLICATION RELAY
ETRGU ECE-ETRGU Datasheet
115Kb / 3P
HOME APPLICATION RELAY
ETRGL ECE-ETRGL Datasheet
155Kb / 4P
HOME APPLICATION RELAY
ETRGQ ECE-ETRGQ Datasheet
112Kb / 3P
HOME APPLICATION RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com