Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4868 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FAN4868
Description  3 MHz, Synchronous TinyBoost Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN4868 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FAN4868 Datasheet HTML 4Page - ON Semiconductor FAN4868 Datasheet HTML 5Page - ON Semiconductor FAN4868 Datasheet HTML 6Page - ON Semiconductor FAN4868 Datasheet HTML 7Page - ON Semiconductor FAN4868 Datasheet HTML 8Page - ON Semiconductor FAN4868 Datasheet HTML 9Page - ON Semiconductor FAN4868 Datasheet HTML 10Page - ON Semiconductor FAN4868 Datasheet HTML 11Page - ON Semiconductor FAN4868 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FAN4868
www.onsemi.com
8
To ensure that VOUT does not pump significantly above
the regulation point, the boost switch remains off as long as
FB > VREF.
Fault State
The regulator enters the FAULT state under any of the
following conditions:
VOUT fails to achieve the voltage required to advance
from LIN state to SS state
VOUT fails to achieve the voltage required to advance
from SS state to BST state
Sustained (32 CLK counts) pulse−by−pulse current
limit during the BST state
The regulator moves from BST to LIN state due to a
short circuit or output overload (VOUT < VIN−1 V)
Once a fault is triggered, the regulator stops switching and
presents a high−impedance path between VIN and VOUT.
After waiting 480 CLK counts, a restart is attempted.
Soft−Start and Fault Timing
The soft−start timing for each state, and the fault times, are
determined by the fault clock, whose period is inversely
proportional to VIN. This allows the regulator more time to
charge larger values of COUT when VIN is lower. With higher
VIN, this also reduces power delivered to VOUT during each
cycle in current limit.
Figure 15. Fault Response into Short Circuit
ILIN2
VOUT
0
64
16
ILIN1
EN
0 V
480
8
The fault clock period as a function of VIN is shown in
Figure 16.
Figure 16. Fault Clock Period vs. VIN
The VIN−dependent LIN Mode charging current is
illustrated in Figure 17
.
Figure 17. LIN Mode Current vs. VIN
Over−Temperature Protection (OTP)
The regulator shuts down when the thermal shutdown
threshold is reached. Restart, with soft−start, occurs when
the IC has cooled by about 30
°C.
Over−Current Protection (OCP)
During Boost Mode, the FAN4868 employs a
cycle−by−cycle peak current limit to protect switching
elements. Sustained current limit, for 32 consecutive fault
clock counts, initiates a fault condition.
During an overload condition, as VOUT collapses to
approximately VIN-1 V, the synchronous rectifier is
immediately switched off and a fault condition is declared.
Automatic restart occurs once the overload/short is
removed and the fault timer completes counting.


Similar Part No. - FAN4868

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48685UC08X ONSEMI-FAN48685UC08X Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com