Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4868 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAN4868
Description  3 MHz, Synchronous TinyBoost Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN4868 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAN4868 Datasheet HTML 3Page - ON Semiconductor FAN4868 Datasheet HTML 4Page - ON Semiconductor FAN4868 Datasheet HTML 5Page - ON Semiconductor FAN4868 Datasheet HTML 6Page - ON Semiconductor FAN4868 Datasheet HTML 7Page - ON Semiconductor FAN4868 Datasheet HTML 8Page - ON Semiconductor FAN4868 Datasheet HTML 9Page - ON Semiconductor FAN4868 Datasheet HTML 10Page - ON Semiconductor FAN4868 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FAN4868
www.onsemi.com
7
FUNCTIONAL DESCRIPTION
Circuit Description
The FAN4868 is a synchronous boost regulator, typically
operating at 3 MHz in Continuous Conduction Mode
(CCM), which occurs at moderate to heavy load current and
low VIN voltages.
At light−load currents, the converter switches
automatically to power−saving PFM Mode. The regulator
automatically
and
smoothly
transitions
between
quasi−fixed−frequency continuous conduction PWM Mode
and variable−frequency PFM Mode to maintain the highest
possible efficiency over the full range of load current and
input voltage.
PWM Mode Regulation
The FAN4868 uses a minimum on−time and computed
minimum off−time to regulate VOUT. The regulator achieves
excellent transient response by employing current mode
modulation. This technique causes the regulator output to
exhibit a load line. During PWM Mode, the output voltage
drops slightly as the input current rises. With a constant VIN,
this appears as a constant output resistance.
The “droop” caused by the output resistance when a load
is applied allows the regulator to respond smoothly to load
transients with negligible overshoot.
100
200
300
400
500
600
700
2.0
2.5
3.0
3.5
4.0
4.5
Input Voltage (V)
5.0
Figure 14. Output Resistance (ROUT)
3.3
5.0
VOUT
VOUT
When the regulator is in PWM CCM Mode and the target
VOUT = 5.05 V, VOUT is a function of ILOAD and can be
computed as:
VOUT + 5.05 * ROUT
ILOAD
(eq. 1)
For example, at VIN = 3.3 V, and ILOAD = 200 mA, VOUT
drops to:
VOUT + 5.05 * 0.38
0.2 + 4.974 V
(eq. 1A)
At VIN = 2.3 V, and ILOAD = 200 mA, VOUT drops to:
VOUT + 5.05 * 0.68
0.2 + 4.914 V
(eq. 1B)
PFM Mode
If VOUT > VREF when the minimum off−time has ended,
the regulator enters PFM Mode. Boost pulses are inhibited
until VOUT < VREF. The minimum on−time is increased to
enable the output to pump up sufficiently with each PFM
boost pulse. Therefore, the regulator behaves like a constant
on−time regulator, with the bottom of its output voltage
ripple at 5.05 V in PFM Mode.
Table 7. OPERATING STATES
Mode
Description
Invoked When:
LIN
Linear Startup
VIN > VOUT
SS
Boost Soft−Start
VOUT < VREG
BST
Boost Operating
Mode
VOUT = VREG
Shutdown and Startup
If EN is LOW, all bias circuits are off and the regulator is
in Shutdown Mode. During shutdown, true load disconnect
between battery and load prevents current flow from VIN to
VOUT, as well as reverse flow from VOUT to VIN.
LIN State
When EN rises, if VIN > UVLO, the regulator first
attempts to bring VOUT within about 1V of VIN by using the
internal fixed current source from VIN (ILIN1). The current
is limited to about 630 mA during LIN1 Mode.
If VOUT reaches VIN−1V during LIN1 Mode, the SS state
is initiated. Otherwise, LIN1 times out after 16 clock counts
and the LIN2 Mode is entered.
In LIN2 Mode, the current source is incremented to
850 mA. If VOUT fails to reach VIN−1 V after 64 clock
counts, a fault condition is declared.
SS State
Upon the successful completion of the LIN state (VOUT >
VIN − 1 V), the regulator begins switching with boost pulses
current limited to about 50% of nominal level, incrementing
to full scale over a period of 32 clock counts.
If the output fails to achieve 90% of its set point within 96
clock counts at full−scale current limit, a fault condition is
declared.
BST State
This is the normal operating mode of the regulator. The
regulator uses a minimum tOFF−minimum tON modulation
scheme. Minimum tOFF is proportional to VIN / VOUT,
which keeps the regulator’s switching frequency reasonably
constant in CCM. tON(MIN) is proportional to VIN and is
higher if the inductor current reaches 0 before tOFF(MIN)
during the prior cycle.


Similar Part No. - FAN4868

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48685UC08X ONSEMI-FAN48685UC08X Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com