Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4868 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAN4868
Description  3 MHz, Synchronous TinyBoost Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN4868 Datasheet(HTML) 5 Page - ON Semiconductor

  FAN4868 Datasheet HTML 1Page - ON Semiconductor FAN4868 Datasheet HTML 2Page - ON Semiconductor FAN4868 Datasheet HTML 3Page - ON Semiconductor FAN4868 Datasheet HTML 4Page - ON Semiconductor FAN4868 Datasheet HTML 5Page - ON Semiconductor FAN4868 Datasheet HTML 6Page - ON Semiconductor FAN4868 Datasheet HTML 7Page - ON Semiconductor FAN4868 Datasheet HTML 8Page - ON Semiconductor FAN4868 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FAN4868
www.onsemi.com
5
3.3 VOUT TYPICAL CHARACTERISTICS
Unless otherwise specified; circuit per Typical Application, 3.0 VIN, and TA = 25°C.
Figure 4. Efficiency vs. VIN
Figure 5. Efficiency vs. Temperature, 3.0 VIN
Figure 6. Line and Load Regulation
Figure 7. Load Regulation vs. Temperature,
3.0 VIN
Figure 8. Quiescent Current
Figure 9. Maximum DC Load Current
75
80
85
90
95
100
0
50
100
150
200
250
300
Load Current (mA)
2.5 Vin
2.7 Vin
3.0 Vin
3.2 Vin
83
86
89
92
95
98
0
50
100
150
200
250
300
Load Current (mA)
−40C
+25C
+85C
0
20
40
0
50
100
150
200
250
300
Load Current (mA)
2.5 Vin
2.7 Vin
3.0 Vin
3.2 Vin
−80
−40
−20
0
20
40
0
50
100
150
200
250
300
Load Current (mA)
−40C
+25C
+85C
200
300
400
500
600
700
2.0
2.3
2.6
2.9
3.2
3.5
Input Voltage(V)
−40C
+25C
+85C
30
35
40
45
50
55
2.0
2.3
2.6
2.9
3.2
3.5
Input Voltage(V)
−40C
+25C
+85C
−60
−80
−40
−20
−60
+25°C
−40°C
+85°C
+25°C
−40°C
+85°C
+25°C
−40°C
+85°C
+25°C
−40°C
+85°C


Similar Part No. - FAN4868

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48685UC08X ONSEMI-FAN48685UC08X Datasheet
470Kb / 12P
Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com