Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4868 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN4868
Description  3 MHz, Synchronous TinyBoost Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN4868 Datasheet(HTML) 4 Page - ON Semiconductor

  FAN4868 Datasheet HTML 1Page - ON Semiconductor FAN4868 Datasheet HTML 2Page - ON Semiconductor FAN4868 Datasheet HTML 3Page - ON Semiconductor FAN4868 Datasheet HTML 4Page - ON Semiconductor FAN4868 Datasheet HTML 5Page - ON Semiconductor FAN4868 Datasheet HTML 6Page - ON Semiconductor FAN4868 Datasheet HTML 7Page - ON Semiconductor FAN4868 Datasheet HTML 8Page - ON Semiconductor FAN4868 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FAN4868
www.onsemi.com
4
Table 6. ELECTRICAL SPECIFICATIONS
Minimum and maximum values are at VIN = VEN = 2.3 V to 4.5 V (2.5 to 3.2 VIN for 3.3 VOUT option), TA = −40°C to +85°C; circuit of
Typical Application, unless otherwise noted. Typical values are at TA = 25°C, and VIN = VEN = 2.7 V for VOUT = 3.3 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIN
VIN Input Current
3.3 VOUT
Quiescent: VIN = 2.7 V, IOUT = 0, EN = VIN
50
65
μA
Shutdown: EN = 0, VIN = 2.7 V
0.5
1.5
ILK_OUT
VOUT Leakage Current
VOUT = 0, EN = 0, VIN ≥ 3 V
10
nA
ILK_RVSR
VOUT to VIN Reverse Leakage
VOUT = 3.3 V, VIN = 3.0 V, EN = 0
2.5
μA
VUVLO
Under−Voltage Lockout
VIN Rising
2.2
2.3
V
VUVLO_HYS
Under−Voltage Lockout
Hysteresis
190
mV
VENH
Enable HIGH Voltage
1.05
V
VENL
Enable LOW Voltage
0.4
V
ILK_EN
Enable Input Leakage Current
0.01
1.00
μA
VOUT
Output Voltage
Accuracy
(Note 2)
3.3 VOUT
VIN from 2.5 V to 3.2 V, IOUT ≤ 200 mA
3.17
3.33
3.41
V
vref
Reference Accuracy
Referred to VOUT = 3.3 V
3.280
3.330
3.380
V
tOFF
Off Time
VIN = 2.7 V, VOUT = 3.3 V, IOUT = 200 mA
240
290
350
ns
IOUT
Maximum Output
Current
(Note 2)
3.3 VOUT
VIN = 2.5 V
250
mA
VIN = 2.7 V
300
ISW
SW Peak Current
Limit
3.3 VOUT
VIN = 2.7 V, VOUT > VIN
650
800
950
mA
ISS
Soft−Start Input
Peak Current
Limit
(Note 3)
3.3 VOUT
VIN = 2.7 V, VOUT < VIN
700
mA
tSS
Soft−Start Time
(Note 4)
3.3 VOUT
VIN = 2.7 V, IOUT = 200 mA
250
750
μs
RDS(ON)
N−Channel Boost Switch
VIN = 3.6 V
300
P−Channel Sync Rectifier
VIN = 3.6 V
400
TTSD
Thermal Shutdown
ILOAD = 10 mA
150
°C
TTSD_HYS
Thermal Shutdown Hysteresis
30
°C
2. ILOAD from 0 to IOUT; also includes load transient response. VOUT measured from mid−point of output voltage ripple.
Effective capacitance of COUT > 1.5 μF.
3. Guaranteed by design and characterization; not tested in production.
4. Elapsed time from rising EN until regulated VOUT.


Similar Part No. - FAN4868

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48685UC08X ONSEMI-FAN48685UC08X Datasheet
470Kb / 12P
Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com