Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT572D740 Datasheet HTML 2Page - ATMEL Corporation AT572D740 Datasheet HTML 3Page - ATMEL Corporation AT572D740 Datasheet HTML 4Page - ATMEL Corporation AT572D740 Datasheet HTML 5Page - ATMEL Corporation AT572D740 Datasheet HTML 6Page - ATMEL Corporation AT572D740 Datasheet HTML 7Page - ATMEL Corporation AT572D740 Datasheet HTML 8Page - ATMEL Corporation AT572D740 Datasheet HTML 9Page - ATMEL Corporation AT572D740 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
AT572D740
7001AS–DPS–03/04
Pin Description
Table 6. D740 Pin Description
Module
Name
Function
Type
Active
Level
Notes
ADDA
ADDA_BRCK
ADDA Bit rate clock
in
digital serial audio stream bit rate clock
(64 x F sampling)
ADDA
ADDA0_IN
ADDA 0 input channel
in
24 bit Left + 24 bit right digital serial
stereo audio stream
ADDA
ADDA1_IN
ADDA 1 input channel
in
24 bit Left + 24 bit right digital serial
audio stream
ADDA
ADDA2_IN
ADDA 2 input channel
in
24 bit Left + 24 bit right digital serial
audio stream
ADDA
ADDA3_IN
ADDA 3 input channel
in
24 bit Left + 24 bit right digital serial
audio stream
ADDA
ADDA0_OUT
ADDA 0 output channel
in
24 bit Left + 24 bit right digital serial
stereo audio stream
ADDA
ADDA1_OUT
ADDA 1 output channel
in
24 bit Left + 24 bit right digital serial
audio stream
ADDA
ADDA2_ OUT
ADDA 2 output channel
in
24 bit Left + 24 bit right digital serial
audio stream
ADDA
ADDA3_ OUT
ADDA 3 output channel
out-02
24 bit Left + 24 bit right digital serial
audio stream
ADDA
ADDA_TOPLL
ADDA clock generator Strobe
out-02
F Sampling toward an external PLL for
ADCs/DACs synchronism generation
ADDA
ADDA_WCK
ADDA Word clock
out-03
F Sampling clock toward ADCs/DACs
ARM
ARM_A[18:0]
ARM external memory address
bus
out-02
ARM
ARM_D[15:0]
ARM external memory data bus
bi-02
(internal Pull-Down)
ARM
ARM_NCS0
ARM external memory Chip select
command 0
out-02
low
ARM
ARM_NCS1
ARM external memory Chip select
command 1
out-02
low
ARM
ARM_NCS2
ARM external memory Chip select
command 2
out-02
low
ARM
ARM_NCS3
ARM external memory Chip select
command 3
out-02
low
ARM
ARM_NRD
ARM external Memory Read
enable
bi-02
low
ARM
ARM_NWEB0
ARM external memory Low Byte
Write enable
bi-03
low
data byte d[7:0]
ARM
ARM_NWEB1
ARM external memory High Byte
Write enable
bi-03
low
data byte d[15:8]
mAgic
FPU_HALT
ARM Fast IRQ from mAgic “halt”
out-02
high
To be used for monitoring


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com