Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT572D740 Datasheet HTML 1Page - ATMEL Corporation AT572D740 Datasheet HTML 2Page - ATMEL Corporation AT572D740 Datasheet HTML 3Page - ATMEL Corporation AT572D740 Datasheet HTML 4Page - ATMEL Corporation AT572D740 Datasheet HTML 5Page - ATMEL Corporation AT572D740 Datasheet HTML 6Page - ATMEL Corporation AT572D740 Datasheet HTML 7Page - ATMEL Corporation AT572D740 Datasheet HTML 8Page - ATMEL Corporation AT572D740 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
AT572D740
7001AS–DPS–03/04
Note:
dnc = do not connect pins. These pins are reserved for test use only and are not
described in Table 6.
ARM_D[4]
W24
PIO[6]
AD25
SPI0_MOSI
B20
XM_A[10]
AD8
ARM_D[5]
V23
PIO[7]
AE26
SPI0_NSS
C17
XM_A[11]
AF8
XM_A[12]
AC9
XM_D[14]
U3
XM_D[39]
C14
XM_CLKOUT[0]
J4
XM_A[13]
AE8
XM_D[15]
V2
XM_D[40]
U4
XM_CLKOUT[1]
H2
XM_A[14]
AD7
XM_D[16]
L1
XM_D[41]
U1
XM_CLKOUT[2]
G1
XM_A[15]
AF7
XM_D[17]
K3
XM_D[42]
T3
XM_D[0]
AD2
XM_A[16]
AE7
XM_D[18]
L2
XM_D[43]
U2
XM_D[64]
B7
XM_A[17]
AF6
XM_D[19]
K4
XM_D[44]
R4
XM_D[65]
C9
XM_A[18]
AC7
XM_D[20]
K1
XM_D[45]
R3
XM_D[66]
A8
XM_A[19]
AE6
XM_D[21]
K2
XM_D[46]
T2
XM_D[67]
A9
XM_A[20]
AF5
XM_D[22]
J1
XM_D[47]
R1
XM_D[68]
C10
XM_A[21]
AD5
XM_D[23]
J2
XM_D[48]
P3
XM_D[69]
B9
XM_A[22]
AC5
XM_D[24]
E3
XM_D[49]
R2
XM_D[70]
D10
XM_A[23]
AE5
XM_D[25]
E4
XM_D[50]
N3
XM_D[71]
A10
XM_D[1]
AB3
XM_D[26]
E2
XM_D[51]
P1
XM_D[72]
A13
XM_D[2]
AC1
XM_D[27]
D1
XM_D[52]
N1
XM_D[73]
B13
XM_D[3]
AA3
XM_D[28]
D3
XM_D[53]
M4
XM_D[74]
A14
XM_D[4]
AB1
XM_D[29]
D2
XM_D[54]
N2
XM_D[75]
D15
XM_D[5]
AB2
XM_D[30]
C1
XM_D[55]
M2
XM_D[76]
B14
XM_D[6]
AA1
XM_D[31]
D5
XM_D[56]
C6
XM_D[77]
A15
XM_D[7]
Y4
XM_D[32]
C11
XM_D[57]
A5
XM_D[78]
B15
XM_D[8]
AA2
XM_D[33]
D12
XM_D[58]
C7
XM_D[79]
A16
XM_D[9]
Y1
XM_D[34]
A11
XM_D[59]
A6
XM_GNT
F2
XM_D[10]
W4
XM_D[35]
C12
XM_D[60]
D7
XM_NCS
E1
XM_D[11]
Y2
XM_D[36]
B11
XM_D[61]
C8
XM_NWE
F3
XM_D[12]
W1
XM_D[37]
A12
XM_D[62]
A7
XM_REQ
G4
XM_D[13]
V1
XM_D[38]
C13
XM_D[63]
D8
Table 1. D740 Ball Assignment (243 I/O) (Continued)
Name
Ball
Name
Ball
Name
Ball
Name
Ball
Table 2. D740 Ball Assignment (VDD = 3.3V)
D6
F4
L4
AC6
D11
F23
L23
AC11
D16
AA4
T4
D21
AC16
AA23
T23
AC21


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com