Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT572D740 Datasheet HTML 1Page - ATMEL Corporation AT572D740 Datasheet HTML 2Page - ATMEL Corporation AT572D740 Datasheet HTML 3Page - ATMEL Corporation AT572D740 Datasheet HTML 4Page - ATMEL Corporation AT572D740 Datasheet HTML 5Page - ATMEL Corporation AT572D740 Datasheet HTML 6Page - ATMEL Corporation AT572D740 Datasheet HTML 7Page - ATMEL Corporation AT572D740 Datasheet HTML 8Page - ATMEL Corporation AT572D740 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
AT572D740
7001AS–DPS–03/04
Description
DIOPSIS 740 is a Dual CPU Processor integrating a mAgic DSP and an ARM7TDMI™
RISC MCU, plus a total of 245 Kbytes SRAM. The system combines the flexibility of the
ARM7TDMI RISC controller with the very high performance of the DSP.
mAgic is a high performance VLIW DSP delivering 1 Giga floating-point operations per
second (GFLOPS) at a clock rate of 100 MHz. It has 512 data registers, 16 address reg-
isters, 10 independent operating units and 2 independent address generation units. For
instance, activating all the computing units, it can produce one complete FFT butterfly
per cycle. mAgic operates on 32-bit fixed-point and IEEE 754 40-bit extended precision
floating-point numeric format. It has also on-chip 17K x 40-bit data memory locations
and 8K x 128-bit program memory locations. Efficient usage of the internal program
memory is achieved through a code compression mechanism.
An optimizing assembler frees the user from the burden of dealing with the parallelism
of the processor resources and drastically simplifies the code development.
The ARM7TDMI™ embedded micro controller core is a member of the Advanced RISC
Machines (ARM
®) family of general purpose 32-bit microprocessors, which offer high
performance and very low power consumption. The ARM architecture is based on
Reduced Instruction Set Computer (RISC) principles, and the instruction set and the
related decode mechanism are much simpler than those of micro programmed Complex
Instruction Set Computers.
This simplicity results in a high instruction throughput and impressive real-time interrupt
response. The ARM7TDMI™ supports 16-bit Thumb® subset of the most commonly
used 32-bit instructions. These are expanded at run time with no degradation of system
performance. This gives 16-bit code density (saving memory area and cost) coupled
with 32-bit processor performance.
A rich set of peripheral and a 32 Kbytes internal memory provide a highly flexible and
integrated system solution.


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com