Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT572D740 Datasheet HTML 14Page - ATMEL Corporation AT572D740 Datasheet HTML 15Page - ATMEL Corporation AT572D740 Datasheet HTML 16Page - ATMEL Corporation AT572D740 Datasheet HTML 17Page - ATMEL Corporation AT572D740 Datasheet HTML 18Page - ATMEL Corporation AT572D740 Datasheet HTML 19Page - ATMEL Corporation AT572D740 Datasheet HTML 20Page - ATMEL Corporation AT572D740 Datasheet HTML 21Page - ATMEL Corporation AT572D740 Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
AT572D740
7001AS–DPS–03/04
Power Dissipation
The D740 has three kinds of power supply pins:
VDDCORE pins, which power the chip core (1.8V)
VDDIO pins, which power the I/O lines (3.3V)
VDDPLL pins, which power the oscillator and PLL cells (1.8V)
The total power dissipation is the sum of two basic contributions:
P
D = PIO + PCORE
P
IO represents the contribute due to the IO pads current and the output load current.
P
CORE represents the contribute due to the internal activity current.
The following table defines the current consumption on different conditions:
Idd
peak = mAgic FFT; both mAgic and ARM ext mem written 100% with continuous
toggling data
Idd
high = mAgic FFT; both mAgic and ARM ext mem read and written alternatively
100% with 50% toggling data
Idd
no ext = mAgic FFT; ARM FLASH access 100%; no mAgic ext mem access
Idd
sys mode = mAgic in system mode; ARM FLASH accesses 100%;
Idd
rst = D740 under reset
typical condition = typical process; Tj = 25°; Vdd = nom
worst condition = worst process; Tj = 100°; Vdd = nom + 10%
To estimate power consumption for a specific application use the following equation
where % is the amount of time your program spends in that state and each “Idd” contrib-
ute corresponds to “IO” or “CORE” columns:
PCORE = ((%peak × Idd peak) + (%high × Idd high) + (%no ext × Idd no ext) + (%sys mode × Idd sys
mode) + (%rst × Idd rst)) x 1.8
PIO = ((%peak × Idd peak) + (%high × Idd high) + (%no ext × Idd no ext) + (%sys mode × Idd sys
mode) + (%rst × Idd rst)) x 3.3
Note:
Idd
peak represents worst-case processor operation (for Idd IO particularly) and it is not
considerable for also for hard applications where all data bits do not toggle every cycle.
Table 8. Power Dissipation
Parameters
typical conditions
worst conditions
Idd IO (3.3V) mA
Idd CORE (1.8V) mA
Idd IO (3.3V) mA
Idd CORE (1.8V) mA
Idd
peak
330
460
425
600
Idd high
120
400
155
520
Idd
no ext
25
390
35
500
Idd
sys mode
25
100
35
135
Idd rst
10
160
15
205


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com