Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT572D740 Datasheet HTML 12Page - ATMEL Corporation AT572D740 Datasheet HTML 13Page - ATMEL Corporation AT572D740 Datasheet HTML 14Page - ATMEL Corporation AT572D740 Datasheet HTML 15Page - ATMEL Corporation AT572D740 Datasheet HTML 16Page - ATMEL Corporation AT572D740 Datasheet HTML 17Page - ATMEL Corporation AT572D740 Datasheet HTML 18Page - ATMEL Corporation AT572D740 Datasheet HTML 19Page - ATMEL Corporation AT572D740 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
AT572D740
7001AS–DPS–03/04
Development Tools
D740 is supported with a complete set of software and hardware development tools.
MADE
The D740 is supported by a set of development tools integrated into a visual develop-
ment environment called MADE (Multicore Application Development Environment).
MADE provides the user with an integrated environment for producing applications for
both the D740 cores, the ARM7TDMI and the mAgic DSP, by means of a common
project management and support for the MARMOS Minimal Bios.
Code generation tools for the ARM include the GNU Code Development Chain for
ARM7 (C-C++ compiler, assembler, linker and utilities) and the ARM SDT Code Devel-
opment Chain (C-C++ compiler, assembler, linker and utilities).
Code generation tools for mAgic include C compiler (GNU gcc based, ANSI compliant),
VLIW assembler-optimizer, code compressor, linker and utilities.
MADE supports the MARMOS Minimal Bios, a set of helper functions for the ARM-
mAgic intercommunication and the D740 peripherals management. MARMOS gives the
user the basic APIs for building an integrated ARM-mAgic application.
MADE provides the user with a simulation engine and an emulation kernel: the Cycle-
Accurate simulator and the D740 emulator board support.
JTAG-ICE
The ARM Standard In-Circuit-Emulation debug interface is supported via the JTAG-ICE
port of the D740.
When the ARM ICE configuration is selected, the usual debug capabilities for the ARM
System are supported, while the support for the mAgic core is limited to memory and
status registers inspection.
The 5 jtag pins are shared between ARM7TDMI ICE functionality and the DIOPSIS 740
chip Boundary Scan Logic. The “JCFG” pin acts as ARM jtag / D740 BSL selector.
When “JCFG” pin is high the ARM ICE is selected, while DIOPSIS 740 BSL is selected
when “JCFG” is low.
JTST
JTST is a low cost general-purpose module that provides the appropriate resources in order to
test DIOPSIS 740.
JTST provides the following resources to DIOPSIS 740:
mAgic SSRAM, ARM FLASH and SRAM
4 Stereo Audio 20 bit CODECs
1 USB 2.0 Full (12 Mbps)
2 RS232/LVTTL a/synchronous serial I/O lines
2 SPI serial I/O lines
Reset Logic (Power ON, Push Button, WDG)
IO connectors (USART, SPI, USB, PIO, AUDIO)
PLL-Clock Logic (25 MHz oscillator + CLK connector)
DIP SWITCH & Status 7-segment Display
Voltage Regulators 5V/3.3V & 5V/1.8V
–M-ICE JTAG


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com