Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT572D740 Datasheet HTML 10Page - ATMEL Corporation AT572D740 Datasheet HTML 11Page - ATMEL Corporation AT572D740 Datasheet HTML 12Page - ATMEL Corporation AT572D740 Datasheet HTML 13Page - ATMEL Corporation AT572D740 Datasheet HTML 14Page - ATMEL Corporation AT572D740 Datasheet HTML 15Page - ATMEL Corporation AT572D740 Datasheet HTML 16Page - ATMEL Corporation AT572D740 Datasheet HTML 17Page - ATMEL Corporation AT572D740 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
AT572D740
7001AS–DPS–03/04
tional banked working registers, r8_fiq to r12_fiq, to enhance interrupt processing
speed.
The ARM7TDMI processor operates in little-endian mode.
To speed-up critical routine execution or critical data segment access, the ARM7 is
equipped with 32 Kbyte of zero wait states on-chip memory.
The ARM system has two buses. The main bus is the ASB (ARM System Bus). The
APB (ARM Peripheral Bus) is designed for accesses to on-chip peripherals. The AMBA
Bridge provides an interface between the ASB and the APB.
The D740 is equipped with a set of peripherals controlled by the ARM. An on-chip
Peripheral Data Controller (PDC) transfers data between the on-chip USARTs/SPI and
the on- and off-chip memories in the DMA without the intervention of the processor.
Most importantly, the PDC removes the processor interrupt handling overhead and sig-
nificantly reduces the number of clock cycles required for data transfer.
Each peripheral has a 16K-byte address space allocated in the upper 3M bytes of the
4Gbyte address space. The peripheral register set is composed of control, mode, data,
status, and interrupt registers. To maximize the efficiency of bit manipulation, frequently
written registers are mapped into three memory locations.
A short description of the available peripherals is given in the following.
EBI (External Bus Interface): the EBI generates the signals that control the access
to the External Memory or peripheral devices.
ADDA (Analog to Digital and Digital to Analog interface): the ADDA provides 4
channel serial interface toward stereo audio 24-bit ADC and DAC.
PDC (Peripheral Data Controller): The PDC provides 8 communication channels
dedicated to the two USARTs and to the two SPIs. One PDC channel is connected
to the receiving channel and the one to the transmitting channel of each peripheral.
USART (Universal Synchronous / Asynchronous Receiver / Transmitter): two, full-
duplex, universal synchronous/asynchronous receiver/transmitters provide a simple
standard communication way managed by the Peripheral Data Controller.
SPI (Serial Peripheral Interface): two four-wire serial interfaces provide a simple
industry-standard communication way managed by the Peripheral Data Controller.
AIC (Advanced Interrupt Controller): the AIC is an 8-level priority, individually-
maskable, vectored interrupt controller. The interrupt controller is connected to the
NFIQ (fast interrupt request) and the NIRQ (standard interrupt request) inputs of the
ARM7TDMI processor.
PIO (Parallel I/O Controller): The PIO features 32 programmable I/O lines, 28 PIO
lines are available on D740 pads, while the remaining 4 are only internal.
TC (Timer Counter): the TC contains three identical 16-bit timer/counter channels.
WD (Watchdog Timer): the WD can be used to guard against system lock-up if the
software becomes trapped in a deadlock. If an overflow occurs, the watchdog timer
generates processor interrupts via the Advanced Interrupt Controller (AIC) and an
external low pulse through the PIO.
CLKGEN (Clock Generator): The clock generator provides divided clocks for several
peripherals: the Timer Counter, the Watchdog, the USARTs and the SPIs.


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com