Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT572D740 Datasheet HTML 9Page - ATMEL Corporation AT572D740 Datasheet HTML 10Page - ATMEL Corporation AT572D740 Datasheet HTML 11Page - ATMEL Corporation AT572D740 Datasheet HTML 12Page - ATMEL Corporation AT572D740 Datasheet HTML 13Page - ATMEL Corporation AT572D740 Datasheet HTML 14Page - ATMEL Corporation AT572D740 Datasheet HTML 15Page - ATMEL Corporation AT572D740 Datasheet HTML 16Page - ATMEL Corporation AT572D740 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
AT572D740
7001AS–DPS–03/04
ARM side the available bandwidth is limited by the bus size of the ARM processor (32
bits) giving a bandwidth of 4 bytes per ARM clock cycle.
ARM interface (mAAr)
The D740 master is the ARM7 RISC processor. mAgic behaves as a standard AMBA
ASB slave device, allowing access to different resources depending on the operating
mode (Run or System).
In System Mode, mAgic halts its execution and the ARM takes control of it. When mAgic
is in System mode the ARM can access many mAgic internal devices. The ability of the
ARM to access internal mAgic resources in System Mode can be used for initialization
and debugging purposes. By accessing the Command Register, the ARM can change
the operating status of the DSP (Run/System Mode), initiate DMA transactions, force
single or multiple step execution, or simply read the DSP operating status.
In Run Mode, mAgic works under direct control of its own VLIW program and the ARM
has access only to the 1K x 40-bit dual ported shared memory (PARM) and to the mAgic
Command Register.
In order to allow a tight coupling between the operations of mAgic and the ARM at run
time, they can exchange synchronization signals, based on interrupts.
ARM System: ARM7TDMI
Processor and
Peripherals
The ARM7TDMI is a 32-bit RISC microprocessor; it is a member of the Advanced RISC
Machines (ARM) family of general-purpose 32-bit microprocessors, offering high perfor-
mance and very low power consumption.
The ARM architecture is based on Reduced Instruction Set Computer (RISC) principles,
and the instruction set and related decode mechanism are much simpler than those of
microprogrammed Complex Instruction Set Computers. This simplicity results in a high
instruction throughput and a real-time interrupt response. Pipelining is employed so that
all parts of the processing and memory systems can operate continuously. The typical
operating scheme of the ARM7TDMI is the sequence fetch-decode-execute.
The ARM7TDMI processor employs the architectural strategy known as THUMB.
THUMB instructions operate with the standard ARM register configuration, allowing
excellent interoperability between ARM and THUMB states. Each 16-bit THUMB
instruction has a corresponding 32-bit ARM instruction with the same effect on the pro-
cessor model. The 16-bit instructions are expanded at run time with no degradation of
the system performance. This provides far better performance than a 16-bit architecture,
with better code density than a 32-bit architecture.
The ARM7TDMI processor is built around a bank of 37 32-bit registers and six status
registers. The ARM7TDMI supports seven operation modes:
1.
User (usr): The normal ARM program execution state
2.
FIQ (fiq): Fast Interrupt reQuest; it is connected to the mAgic Halt signal
3.
IRQ (irq): Used for general-purpose interrupt handling
4.
Supervisor (svc): Protected mode for the operating system
5.
Abort mode (abt): Entered after data or instruction prefetch abort
6.
System (sys): A privileged user mode for the operating system
7.
Undefined (und):Entered when an undefined instruction is executed
Mode changes can be made under software control or can be brought about by external
interrupts or exception processing. Most application programs execute in User mode.
The non-user modes - known as privileged modes – are entered in order to service
interrupts or exceptions, or to access protected resources. Each operating mode has
dedicated banked registers for fast exception handling. The FIQ mode has five addi-


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com