Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT572D740 Datasheet HTML 1Page - ATMEL Corporation AT572D740 Datasheet HTML 2Page - ATMEL Corporation AT572D740 Datasheet HTML 3Page - ATMEL Corporation AT572D740 Datasheet HTML 4Page - ATMEL Corporation AT572D740 Datasheet HTML 5Page - ATMEL Corporation AT572D740 Datasheet HTML 6Page - ATMEL Corporation AT572D740 Datasheet HTML 7Page - ATMEL Corporation AT572D740 Datasheet HTML 8Page - ATMEL Corporation AT572D740 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
7001AS–DSP–03/04
Features
Dual Core System Integrating an ARM7TDMI
 ARMThumbProcessor Core and a
mAgic DSP for Audio, Communication and Beam-forming Applications
High Performance DSP Operating at 100 MHz
– 1 GFLOPS - 1.5 Gops
– 10 Arithmetic Operations per Cycle (4 Multiply, 2 Add/subtract, 1 Add, 1 Subtract
Floating and Fixed Point) Allowing Single Cycle FFT Butterfly
– Native Support for Complex Arithmetic and Vectorial SIMD Operations: One
Complex Multiply with Dual Add/sub per Clock Cycle or Two Real Multiply and Two
Add/sub or Simple Scalar Operations
– 32-bit Integer and IEEE 40-bit Extended Precision Floating Point Numeric Format
– Large Multi-port Data Register File: 512 Registers Organized in Two 4-input 4-
output 256-register Banks
– Orthogonal VLIW Architecture, Code Compression for Code Size Reduction
– Flexible Addressing Capability: 2 Independent Address Generation Units
Operating on a 16 Registers Address Register File Supporting Programmable
Stride, Circular Pointers and Bit Reversal
– 1.7 Mbits of On-chip SRAM:
17 K x 40-bit Data Memory Locations
8 K x 128-bit Program Memory Location, Equivalent to 24K Instructions
– DMA Access to the External Program and Data Memory
– Two Main Operating Modes: Run and System Mode
– Efficient Optimizing Assembler: Allows Easy Exploitation of the Available
Hardware Resources Parallelism
Utilizes the ARM7TDMI
 Processor Core with 32 K Byte of Integrated SRAM,
Operating at 50 MHz
– Fully-programmable External Bus Interface (EBI)
Maximum External Address Space of 4 M Bytes
Up to 4 Chip Selects
Software-programmable 8/16-bit External Data Bus
– 8-channel Peripheral Data Controller (PDC)
8-level Priority, Individually Maskable Vectored Interrupt Controller
4 External, 20 Internal Interrupt Sources, Including a High-priority, Low-latency
Interrupt Request
– 28 Programmable I/O Lines
– 8-channel 11-bit Programmable Clock Prescaler Feeding the Timer, Watchdog,
USARTs, SPIs
– 3-channel 16-bit Timer/Counter
5 Internal Clock Sources and 3 Configurable Sources (External Source or
Cascaded Timer Configuration)
2 Multi-purpose Output Pins plus 1 Output Dedicated to the ADDA Interface plus
3 Outputs Dedicated to the mAgic DSP
– 2 USARTs
2 Dedicated Peripheral Data Controller (PDC) Channels per USART
1 USART Supporting Full Modem Interface
– 2 Master/Slave SPI Interfaces
2 Dedicated Peripheral Data Controller (PDC) Channels per SPI
8- to 16-bit Programmable Data Length
4 External Slave Chip Selects for each SPI
– Programmable Watchdog Timer
– ADDA (A/D and D/A Converters) Interface Supporting up to 4 Analog to Digital and
4 Digital to Analog, Stereo 24-bit Converters
– IEEE 1149.1 JTAG Boundary Scan on all Active Pins
Efficient ARM - DSP Interface Based on 1K x 40-bit Dual Ported Shared Memory,
Memory Mapped Register Access, and Interrupt Lines
1.8 V Core Operating Voltage, 3.3 V I/O Operating Voltage
On-chip PLL for 100 Mhz Operation from 25 Mhz Reference Clock
352-ball PBGA Package
DIOPSIS 740
Dual Core DSP
AT572D740
Summary
Note: This is a summary document. A complete document
is not available at this time. For more information, please
contact your local Atmel sales office.


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com