Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT572D740 Datasheet HTML 4Page - ATMEL Corporation AT572D740 Datasheet HTML 5Page - ATMEL Corporation AT572D740 Datasheet HTML 6Page - ATMEL Corporation AT572D740 Datasheet HTML 7Page - ATMEL Corporation AT572D740 Datasheet HTML 8Page - ATMEL Corporation AT572D740 Datasheet HTML 9Page - ATMEL Corporation AT572D740 Datasheet HTML 10Page - ATMEL Corporation AT572D740 Datasheet HTML 11Page - ATMEL Corporation AT572D740 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
AT572D740
7001AS–DPS–03/04
SPI
SPI1_MISO
SPI 1 Master In/Slave Out data
bi-02
SPI SLV
à data output
SPI MST
à data input
SPI
SPI1_NSS
SPI 1 Input/Output Chip select
bi-02
SPI SLV
à CS Input
SPI MST
à CS 0 Output
SPI
SPI1_NSS[3:1]
SPI 1 Output Chip Selects
out-02
SPI SLV
à n.a.
SPI MST
à CS 3, 2, 1 Outputs
SPI
SPI1_SCK
SPI 1 Serial clock
bi-03
SPI SLV
à clock input
SPI MST
à clock output
USART
USART0_RXD
USART 0 Data in
in
(internal Pull-Down)
USART
USART0_SCK
USART 0 Serial clock
bi-03
for synchronous mode only
USART
USART0_TXD
USART 0 Data out
bi-02
used as output
USART
USART1_CTS
USART 1 Clear to send
in
USART
USART1_DCD
USART 1 Data carriage detect
in
USART
USART1_DSR
USART 1 Data set ready
in
USART
USART1_DTR
USART 1 Data terminal ready
out-02
USART
USART1_RI
USART 1 Ring indicator
in
USART
USART1_RTS
USART 1 Request to send
out-02
USART
USART1_RXD
USART 1 Data in
in
(internal Pull-Down)
USART
USART1_SCK
USART 1 Serial clock
bi-03
for synchronous mode only
USART
USART1_TXD
USART 1 Data out
bi-02
used as output
mAgic
XM_A[23:0]
mAgic external Memory address
bus
out-03
mAgic
XM_CLKOUT[
2:0]
mAgic external Memory clocks
out-03
100MHz (max) One line for up to three
mAgic XM chip.
mAgic
XM_D[39:0]
mAgic external Memory data bus
bi-03
Right bank (internal Pull-Down)
mAgic
XM_D[79:40]
mAgic external Memory data bus
bi-03
Left bank (internal Pull-Down)
mAgic
XM_GNT
mAgic shared external memory
bus grant
out-02
high
mAgic
XM_NCS
mAgic external Memory Chip
select
out-03
low
mAgic
XM_NWE
mAgic external Memory Write
enable
out-03
low
Power
VDD
IO power supply
Power
3.3 nominal Supply
Power
VDDI
Core power supply
Power
1.8 nominal Supply
Power
VDDPLL
PLL power supply
Power
1.8 nominal Supply
Ground
GND
D740 ground reference
Ground
common to all Supplies
Table 6. D740 Pin Description (Continued)
Module
Name
Function
Type
Active
Level
Notes


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com