Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT572D740 Datasheet HTML 3Page - ATMEL Corporation AT572D740 Datasheet HTML 4Page - ATMEL Corporation AT572D740 Datasheet HTML 5Page - ATMEL Corporation AT572D740 Datasheet HTML 6Page - ATMEL Corporation AT572D740 Datasheet HTML 7Page - ATMEL Corporation AT572D740 Datasheet HTML 8Page - ATMEL Corporation AT572D740 Datasheet HTML 9Page - ATMEL Corporation AT572D740 Datasheet HTML 10Page - ATMEL Corporation AT572D740 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
AT572D740
7001AS–DPS–03/04
mAgic
FPU_EXC
ARM IRQ15 from mAgic
“exception”
out-02
high
To be used for monitoring
mAgic
FPU_MODE
ARM IRQ25 from mAgic “mode”
out-02
To be used for monitoring
0 = mAgic in system mode
1 = mAgic in run mode
JTAG
ICE_NTRST
JTAG Test reset
in
low
(internal Pull-Up)
JTAG
ICE_TCK
JTAG Test clock
in
JTAG
ICE_TDI
JTAG Test data input
in
(internal Pull-Up)
JTAG
ICE_TDO
JTAG Test data output
out-02
JTAG
ICE_TMS
JTAG Test mode
in
low
(internal Pull-Up)
D740
JCFG
ARM JTAG / D740 Boundary Scan
selection
in
0
à D740 Boundary Scan
1
à ARM JTAG
PIO
PIO[27:0]
Parallel Input/Output
bi-02
general purpose programmable I/Os or
ARM peripheral I/Os
PLL
PLL_CLKIN
Reference clock
in
25MHz (max) if PLL_EN =1
100MHz (max) if PLL_EN =0
PLL
PLL_CLKOUT
PLL Clock output
out-02
100MHz (max) if PLL_EN =1
fixed low if PLL_EN = 0
PLL
PLL_EN
Pll enable (PLL_CLKIN x4
multiply)
in
high
1
à system clock = PLL_CLKIN x 4
0
à system clock = PLL_CLKIN
PLL
PLL_LFT
PLL lowpass filter input
in
PLL
PLL_LOCK
PLL lock condition
out-02
high
To be used for monitoring
D740
RESET
System reset
in
low
asynchronous
mAgic
SINGLE
Single user on mAgic external
memory
in
high
(internal Pull-Up)
0
à Not default user of shared XM
1
à Single user of not shared XM or
default user of shared XM
SPI
SPI0_MOSI
SPI 0 Master Out/Slave In data
bi-02
SPI SLV
à data input
SPI MST
à data output
SPI
SPI0_MISO
SPI 0 Master In/Slave Out data
bi-02
SPI SLV
à data output
SPI MST
à data input
SPI
SPI0_NSS
SPI 0 Input/Output Chip select
bi-02
SPI SLV
à CS Input
SPI MST
à CS 0 Output
SPI
SPI0_NSS[3:1]
SPI 0 Output Chip Selects
out-02
SPI SLV
à n.a.
SPI MST
à CS 3, 2, 1 Outputs
SPI
SPI0_SCK
SPI 0 Serial clock
bi-03
SPI SLV
à clock input
SPI MST
à clock output
SPI
SPI1_MOSI
SPI 1 Master Out/Slave In data
bi-02
SPI SLV
à data input
SPI MST
à data output
Table 6. D740 Pin Description (Continued)
Module
Name
Function
Type
Active
Level
Notes


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com