Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5U30 Datasheet(PDF) 1 Page - Rohm

Part # US5U30
Description  Small switching (-20V, -1.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U30 Datasheet(HTML) 1 Page - Rohm

  US5U30 Datasheet HTML 1Page - Rohm US5U30 Datasheet HTML 2Page - Rohm US5U30 Datasheet HTML 3Page - Rohm US5U30 Datasheet HTML 4Page - Rohm US5U30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US5U30
Transistor
1/4
Small switching (–20V, –1.5A)
US5U30
Features
External dimensions (Unit : mm)
1) The US5U30 conbines Pch MOSFET with a
Schottky barrier diode in a single TSMT5 package.
2) Pch MOSFET have a low on-state resistance
with a fast switching.
3) Pch MOSFET is reacted a low voltage drive(2.5V)
4) The Independently connected Schottky barrier diode
have a low forward voltate.
Applications
Load switch, DC/DC conversion
Structure
Equivalent circuit
Silicon P-channel MOSFET
Schottky Barrier DIODE
Packaging specifications
US5U30
TR
3000
Type
Package
Code
Taping
Basic ordering unit (pieces)
Absolute maximum ratings (Ta=25
°C)
Drain current
< Di >
< MOSFET AND Di >
< MOSFET >
Source current
(Body diode)
Parameter
Symbol
W/TOTAL/MOUNTED ON
A CERAMIC BOARD
Drain
−source voltage
VDSS
V
−20
Gate
−source voltage
VGSS
V
±12
Continuous
ID
A
±1
Repetitive peak reverse voltage
VRM
V
25
Reverse voltage
VR
V
20
Forward current
IF
A
0.5
Forward current surge peak
60HZ / 1CYC.
IFSM
A
2
Total power dissipation
PD
1.0
Limits
Unit
Continuous
IS
−0.4
A
Pulsed
ISP
−4
PW 10
µs DUTY CYCLE 1%
A
Pulsed
IDP
±4
A
PW 10
µs DUTY CYCLE 1%
Channel temperature
Tch
150
C
Junction temperature
Tj
150
C
Range of storage temperature
Tstg
−55 to 150
C
0.15Max.
(2)
(1)
(3)
(5)
(4)
1.7
0.2
0.2
2.1
Abbreviated symbol : U30
Each lead has same dimensions
(1)Gate
(2)Source
(3)Anode
(4)Cathode
(5)Drain
∗1 ESD protection diode
∗2 Body diode
∗2
∗1
(1)
(2)
(5)
(3)
(4)


Similar Part No. - US5U30

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U30 ROHM-US5U30 Datasheet
94Kb / 5P
2.5V Drive PchSBD MOSFET
US5U30 ROHM-US5U30_1 Datasheet
94Kb / 5P
2.5V Drive PchSBD MOSFET
More results

Similar Description - US5U30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4963 STMICROELECTRONICS-L4963 Datasheet
178Kb / 17P
1.5A SWITCHING REGULATOR
June 2000
logo
Rohm
QS5U27 ROHM-QS5U27 Datasheet
48Kb / 4P
Small switching (-20V, -1.5A)
RTF015P02 ROHM-RTF015P02 Datasheet
87Kb / 5P
DC-DC Converter (-20V, -1.5A)
QS5U28 ROHM-QS5U28 Datasheet
88Kb / 5P
Small switching (-20V, -2.0A)
QS5U21 ROHM-QS5U21 Datasheet
64Kb / 4P
Small switching (-20V, -1.5A)
QS6J1 ROHM-QS6J1 Datasheet
62Kb / 4P
Small switching (-20V, -1.5A)
QS6J3 ROHM-QS6J3 Datasheet
62Kb / 4P
Small switching (-20V, -1.5A)
US5U29 ROHM-US5U29 Datasheet
99Kb / 5P
Small switching (-20V, -1.5A)
QS5U23 ROHM-QS5U23 Datasheet
73Kb / 5P
Small switching (-20V, -1.5A)
logo
Torex Semiconductor
XP223P1501TR-G TOREX-XP223P1501TR-G Datasheet
401Kb / 6P
P-channel MOSFET -20V, -1.5A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com