Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5U30 Datasheet(PDF) 4 Page - Rohm

Part # US5U30
Description  Small switching (-20V, -1.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U30 Datasheet(HTML) 4 Page - Rohm

  US5U30 Datasheet HTML 1Page - Rohm US5U30 Datasheet HTML 2Page - Rohm US5U30 Datasheet HTML 3Page - Rohm US5U30 Datasheet HTML 4Page - Rohm US5U30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US5U30
Transistor
4/4
Fig.10 Dynamic Input Characteristics
01
0
4
8
6
Total Gate Charge
: Qg[nC]
23
4
5
1
2
3
5
6
7
Ta=25 C
VDD=
−15V
ID=
−2.5A
RG=10
Pulsed
Forward Voltage
:VF [V]
Fig.11 Forward Temperature Characteristics
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
Ta=125 C
75 C
25 C
−25 C
Reverse Voltage
: VR[V]
Fig.12 Reverse Temperature Characteristics
0.0001
0.001
0.01
0.1
100
10
1
010
20
30
40
125 C
75 C
25 C
−25 C
Measurement circuits
Fig.13 Switching Time Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
10%
90%
10%
10%
VGS
VDS
90%
tf
toff
td(off)
tr
ton
td(on)
Fig.14 Switching Waveforms
50%
50%
Pulse Width
Fig.15 Gate Charge Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
IG(Const)
Fig.16 Gate Charge Waveforms
VGS
Qg
Qgs
Qgd
VG
Charge


Similar Part No. - US5U30

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U30 ROHM-US5U30 Datasheet
94Kb / 5P
2.5V Drive PchSBD MOSFET
US5U30 ROHM-US5U30_1 Datasheet
94Kb / 5P
2.5V Drive PchSBD MOSFET
More results

Similar Description - US5U30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4963 STMICROELECTRONICS-L4963 Datasheet
178Kb / 17P
1.5A SWITCHING REGULATOR
June 2000
logo
Rohm
QS5U27 ROHM-QS5U27 Datasheet
48Kb / 4P
Small switching (-20V, -1.5A)
RTF015P02 ROHM-RTF015P02 Datasheet
87Kb / 5P
DC-DC Converter (-20V, -1.5A)
QS5U28 ROHM-QS5U28 Datasheet
88Kb / 5P
Small switching (-20V, -2.0A)
QS5U21 ROHM-QS5U21 Datasheet
64Kb / 4P
Small switching (-20V, -1.5A)
QS6J1 ROHM-QS6J1 Datasheet
62Kb / 4P
Small switching (-20V, -1.5A)
QS6J3 ROHM-QS6J3 Datasheet
62Kb / 4P
Small switching (-20V, -1.5A)
US5U29 ROHM-US5U29 Datasheet
99Kb / 5P
Small switching (-20V, -1.5A)
QS5U23 ROHM-QS5U23 Datasheet
73Kb / 5P
Small switching (-20V, -1.5A)
logo
Torex Semiconductor
XP223P1501TR-G TOREX-XP223P1501TR-G Datasheet
401Kb / 6P
P-channel MOSFET -20V, -1.5A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com