Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5U30 Datasheet(PDF) 3 Page - Rohm

Part # US5U30
Description  Small switching (-20V, -1.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U30 Datasheet(HTML) 3 Page - Rohm

  US5U30 Datasheet HTML 1Page - Rohm US5U30 Datasheet HTML 2Page - Rohm US5U30 Datasheet HTML 3Page - Rohm US5U30 Datasheet HTML 4Page - Rohm US5U30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US5U30
Transistor
3/4
Electrical characteristic curves
Fig.1 Typical Transfer Characteristics
0
0.5
1.0
0.001
0.1
1
0.01
10
1.5
Gate
−Source Voltage : VGS[V]
2.0
2.5
3.0
3.5
4.0
Ta
=125°C
75
°C
25
°C
−20°C
VDS=
−10V
Pulsed
Fig.2 Static Drain
−Source On−State
Resistance
0.1
1
10
100
1000
10
Drain Current
: −ID[A]
75 C
25 C
−25 C
Ta=125 C
vs.Drain Current
VGS=
−4.5V
Pulsed
Fig.3 Static Drain
−Source On−State
Resistance
0.1
1
10
100
1000
10
Drain Current
: −ID[A]
vs.Drain Current
VGS=
−4V
Pulsed
Ta=125 C
75 C
25 C
−25 C
Fig.4 Static Drain
−Source On−State
0.1
1
10
100
1000
10
Drain Current
: −ID[A]
Ta=125 C
75 C
25 C
−25 C
Resistance vs.Drain
−Current
VGS=
−2.5V
Pulsed
10
012
8
4
26
0
Gate
−Source Voltage : −VGS[V]
Fig.5 Static Drain
−Source On−State
50
100
150
200
250
300
350
400
ID=−0
.75A
−1.5A
vs.Gate
−Source Voltage
Resistance
Ta=25 C
Pulsed
Fig.6 Static Drain
−Source On−State
Resistance
0.1
1
10
100
1000
10
Drain Current
: −ID[A]
vs.Drain Current
VGS=
−2.5V
−4.0V
−4.5V
Ta=25 C
Pulsed
0
0.5
1.0
1.5
Source
−Drain Voltage : −VSD[V]
Fig.7 Reverse Drain Current
0.01
0.1
10
1
2.0
Ta=125 C
75 C
25 C
−25 C
vs. Source-Drain Current
VGS=0V
Pulsed
0.01
0.1
1
10
100
Drain
−Source Voltage : −VDS[V]
Fig.8 Typical Capactitance
10
100
10000
1000
vs.Drain
−Source Voltage
Ciss
Coss
Crss
Ta=25 C
f=1MHZ
VGS=0V
0.01
0.1
1
10
Drain Current
: −ID[A]
Fig.9 Switching Characteristics
1
10
1000
100
td
(off)
td
(on)
tr
tf
Ta=25 C
VDD=
−15V
VGS=
−4.5V
RG=10
Pulsed


Similar Part No. - US5U30

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U30 ROHM-US5U30 Datasheet
94Kb / 5P
2.5V Drive PchSBD MOSFET
US5U30 ROHM-US5U30_1 Datasheet
94Kb / 5P
2.5V Drive PchSBD MOSFET
More results

Similar Description - US5U30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4963 STMICROELECTRONICS-L4963 Datasheet
178Kb / 17P
1.5A SWITCHING REGULATOR
June 2000
logo
Rohm
QS5U27 ROHM-QS5U27 Datasheet
48Kb / 4P
Small switching (-20V, -1.5A)
RTF015P02 ROHM-RTF015P02 Datasheet
87Kb / 5P
DC-DC Converter (-20V, -1.5A)
QS5U28 ROHM-QS5U28 Datasheet
88Kb / 5P
Small switching (-20V, -2.0A)
QS5U21 ROHM-QS5U21 Datasheet
64Kb / 4P
Small switching (-20V, -1.5A)
QS6J1 ROHM-QS6J1 Datasheet
62Kb / 4P
Small switching (-20V, -1.5A)
QS6J3 ROHM-QS6J3 Datasheet
62Kb / 4P
Small switching (-20V, -1.5A)
US5U29 ROHM-US5U29 Datasheet
99Kb / 5P
Small switching (-20V, -1.5A)
QS5U23 ROHM-QS5U23 Datasheet
73Kb / 5P
Small switching (-20V, -1.5A)
logo
Torex Semiconductor
XP223P1501TR-G TOREX-XP223P1501TR-G Datasheet
401Kb / 6P
P-channel MOSFET -20V, -1.5A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com