Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5U30 Datasheet(PDF) 2 Page - Rohm

Part # US5U30
Description  Small switching (-20V, -1.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U30 Datasheet(HTML) 2 Page - Rohm

  US5U30 Datasheet HTML 1Page - Rohm US5U30 Datasheet HTML 2Page - Rohm US5U30 Datasheet HTML 3Page - Rohm US5U30 Datasheet HTML 4Page - Rohm US5U30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US5U30
Transistor
2/4
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
µAVGS=±12V, VDS=0V
VDD
−15V
VDD
−15V
Unit
Conditions
V(BR) DSS
VID=
−1mA, VGS=0V
IDSS
µAVDS=−20V, VGS=0V
VGS (th)
VVDS=
−10V, ID=−1mA
m
Ω ID=−1A, VGS=−4.5V
RDS (on)
m
Ω ID=−1A, VGS=−4V
m
Ω ID=−0.5A, VGS=−2.5V
SVDS=
−10V, ID=−0.5A
Ciss
pF
VDS=
−10V
Coss
pF
VGS=0V
Crss
pF
f=1MHz
td (on)
ns
ID=
−0.5A
tr
ns
td (off)
ns
VGS=
−4.5V
tf
ns
RL=30
Qg
nC
RG=10
RL=15
RG=10
Qgs
Typ.
280
310
570
150
20
20
9
8
25
10
2.1
0.5
0.5
nC
VGS=
−4.5V
Qgd
Min.
−20
−0.7
0.7
±10
Max.
−1
−2.0
390
430
800
nC
ID=
−1A
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗ Pulsed
<MOSFET>
−−
0.36
V
IF=0.1A
−−
0.47
V
IF=0.5A
IR
−−
100
µAVR=20V
VSD
−−
−1.2
V
IS=
−0.4A, VGS=0V
Forward voltage
Reverse leakage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
<MOSFET>
VF
Forward voltage drop
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
<Di>


Similar Part No. - US5U30

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U30 ROHM-US5U30 Datasheet
94Kb / 5P
2.5V Drive PchSBD MOSFET
US5U30 ROHM-US5U30_1 Datasheet
94Kb / 5P
2.5V Drive PchSBD MOSFET
More results

Similar Description - US5U30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4963 STMICROELECTRONICS-L4963 Datasheet
178Kb / 17P
1.5A SWITCHING REGULATOR
June 2000
logo
Rohm
QS5U27 ROHM-QS5U27 Datasheet
48Kb / 4P
Small switching (-20V, -1.5A)
RTF015P02 ROHM-RTF015P02 Datasheet
87Kb / 5P
DC-DC Converter (-20V, -1.5A)
QS5U28 ROHM-QS5U28 Datasheet
88Kb / 5P
Small switching (-20V, -2.0A)
QS5U21 ROHM-QS5U21 Datasheet
64Kb / 4P
Small switching (-20V, -1.5A)
QS6J1 ROHM-QS6J1 Datasheet
62Kb / 4P
Small switching (-20V, -1.5A)
QS6J3 ROHM-QS6J3 Datasheet
62Kb / 4P
Small switching (-20V, -1.5A)
US5U29 ROHM-US5U29 Datasheet
99Kb / 5P
Small switching (-20V, -1.5A)
QS5U23 ROHM-QS5U23 Datasheet
73Kb / 5P
Small switching (-20V, -1.5A)
logo
Torex Semiconductor
XP223P1501TR-G TOREX-XP223P1501TR-G Datasheet
401Kb / 6P
P-channel MOSFET -20V, -1.5A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com