Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP45492 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP45492
Description  26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45492 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP45492 Datasheet HTML 4Page - ON Semiconductor NCP45492 Datasheet HTML 5Page - ON Semiconductor NCP45492 Datasheet HTML 6Page - ON Semiconductor NCP45492 Datasheet HTML 7Page - ON Semiconductor NCP45492 Datasheet HTML 8Page - ON Semiconductor NCP45492 Datasheet HTML 9Page - ON Semiconductor NCP45492 Datasheet HTML 10Page - ON Semiconductor NCP45492 Datasheet HTML 11Page - ON Semiconductor NCP45492 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NCP45492
www.onsemi.com
9
Figure 5. Six−Channel Paired Device Timing Characteristics
MUX_SEL (tied)
EN (tied)
Diff. Out (Device A)
Ch 1 BV Ch 1 SC Ch 2 BV Ch 2 SC Ch 3 BV Ch 3 SC
MODE_SEL (Device A)
VCC (tied)
Power-Up Time
14.75us < Td < 24.29us
Diff. Out (Device B)
Ch 4 SC Ch 5 BV Ch 5 SC
ADC Input (tied Diff. Outs)
Ch 1 BV Ch 1 SC Ch 2 BV Ch 2 SC Ch 3 BV Ch 3 SC Ch 4 BV Ch 4 SC Ch 5 BV Ch 5 SC
Ch 1 BV Ch 1 SC
Ch 6 BV Ch 6 SC
Ch 6 BV Ch 6 SC Ch 1 BV Ch 1 SC
MODE_SEL (Device B)
Hi-Z
Ch 4 BV
Hi-Z
Hi-Z


Similar Part No. - NCP45492

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45491XMNTWG ONSEMI-NCP45491XMNTWG Datasheet
153Kb / 10P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45496 ONSEMI-NCP45496 Datasheet
272Kb / 12P
   28 V, 2-Channel Power Monitor
June, 2023 - Rev. 0
More results

Similar Description - NCP45492

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com