Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP45492 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP45492
Description  26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45492 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP45492 Datasheet HTML 1Page - ON Semiconductor NCP45492 Datasheet HTML 2Page - ON Semiconductor NCP45492 Datasheet HTML 3Page - ON Semiconductor NCP45492 Datasheet HTML 4Page - ON Semiconductor NCP45492 Datasheet HTML 5Page - ON Semiconductor NCP45492 Datasheet HTML 6Page - ON Semiconductor NCP45492 Datasheet HTML 7Page - ON Semiconductor NCP45492 Datasheet HTML 8Page - ON Semiconductor NCP45492 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCP45492
www.onsemi.com
5
APPLICATIONS INFORMATION
Differential Output Amplifier
A differential output amplifier provides a scaled
representation of multiple bus voltages and currents to an
external device on the DIFF_OUT_P and DIFF_OUT_N
pins. These voltages and currents are presented sequentially
(under control of the Sequence Logic block) via the
Multiplexer. The common−mode voltage of the differential
output amplifier is established by the voltage on the
CM_REF_IN pin.
Current Shunt Monitor (one of four identical instances)
The differential voltage across an external shunt resistor
(RSHUNT) is converted to a current by a transconductor stage
implemented by an op−amp and external resistor R1. This
current is supplied to the SH_Ox pin where it is converted
back to a ground−referenced voltage by external resistor R2.
The conversion gain from differential voltage across the
shunt resistor to that ground−referred voltage on SH_Ox
may then be set directly as the ratio of RSHUNT to R1. A
capacitor may be connected across R2 in order to provide
noise filtering if required in the application. Note that bias
current for the op−amp is taken from the “load” side of the
shunt resistor so that it is included in the load current
measurement.
Current Shunt Resistors
The external resistors labeled RSHUNT, R1, and R2 in
Figure 1 are used to define the full dynamic range of the
shunt current monitoring and are user application
dependent. Resistors RSHUNT and R1 are chosen based on
the maximum load current (ILOAD) to define the SH_Ox
current (ISH_Ox) using the equation;
ISH_Ox +
RSHUNT
R1
ILOAD
(eq. 1)
ISH_Ox is also user defined and is not to exceed
ISH_O_MAX. Ideally, the SH_Ox current is around 2 mA. The
resistance of R2 is found with the relationship;
R2 +
VSH_Ox
ISH_Ox
(eq. 2)
Regardless of the values of ILOAD or ISH_Ox, the
maximum voltage of the SH_Ox pin shall not exceed
VSH_Ox, indicated in the operating range table.
Bus Voltage Monitor (one of four identical instances)
An external voltage divider is used to scale the voltage on
the BS_INx pin to an appropriate full−scale range for the
differential output amplifier. Resistors R3 and R4 form a
resistor divider to define the full dynamic range of the bus
voltage monitor with;
R4
R3 ) R4
VBUS + VBS_INx
(eq. 3)
Multiplexer Select
The multiplier selection is controlled by a single digital
input (MUX_SEL pin). The device will monitor this pin and
cycle through the different measured parameters in a fixed
sequence. The sequence will repeat cycle as shown in the
tables until either a timeout condition is detected or the
device is disabled. The MUX_SEL pin needs to be pulsed at
least once before normal MUX_SEL cycles begin. The
delay between the falling edge of the last initial MUX_SEL
pulse and the first rising edge of the normal MUX_SEL
cycle needs to be 14.75
ms > Td > 24.25 ms.
Operating Modes
There are two operating modes – stand−alone (one to four
channels) and paired operation (up to eight channels). In
paired operation, MODE_SEL is used to designate a
“Device A” and “Device B” of a pair. When paired, the
differential output amplifiers of the two devices are
expected to be “wire−or’ed” together, and the table logic
insures that only one device will actively drive
DIFF_OUT_P and DIFF_OUT_N at any given time. See
description in the Auxiliary Functions section for details.
Additionally, devices can be configured to operate with a
reduced channel count. See description in the Auxiliary
Functions section for details.
Power−up Sequence
VBUS voltages must be applied before VCC. VCC must be
applied (2.8 V − 3.8 V) for expected operation and current
consumption. The enable signal must be held low while the
VCC supply comes up. After both VBUS and VCC supplies
are present, EN can then be pulled high or floated if standby
mode or limited function mode is desired. Refer to auxiliary
functions section for more information.


Similar Part No. - NCP45492

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45491XMNTWG ONSEMI-NCP45491XMNTWG Datasheet
153Kb / 10P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45496 ONSEMI-NCP45496 Datasheet
272Kb / 12P
   28 V, 2-Channel Power Monitor
June, 2023 - Rev. 0
More results

Similar Description - NCP45492

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com