Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG4407P Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # SSG4407P
Description  P-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSG4407P Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  SSG4407P Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSG4407P Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSG4407P Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSG4407P Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSG4407P Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSG4407P Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSG4407P Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSG4407P Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SSG4407P Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIM
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.35
0.51
0.014
0.020
C
0.19
0.25
0.0075
0.010
D
4.80
5.00
0.189
0.196
E
3.80
4.00
0.150
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.50
0.93
0.020
0.037
q
0°8°0°8°
S
0.44
0.64
0.018
0.026
ECN: C-06527-Rev. I, 11-Sep-06
DWG: 5498
4
3
1
2
5
6
8
7
H
E
h x 45
C
All Leads
q
0.101 mm
0.004"
L
BA1
A
e
D
0.25 mm (Gage Plane)
SOIC (NARROW): 8-LEAD
JEDEC Part Number: MS-012
S
SSG4407P
7
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Similar Part No. - SSG4407P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4407P SECOS-SSG4407P Datasheet
548Kb / 4P
   -15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET
SSG4407PE SECOS-SSG4407PE Datasheet
130Kb / 2P
   P-Channel Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSG4407PE VBSEMI-SSG4407PE Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4407PE SECOS-SSG4407PE_15 Datasheet
130Kb / 2P
   P-Channel Mode Power MOSFET
SSG4407P SECOS-SSG4407P_15 Datasheet
548Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4407P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com