Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJR1441 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TJR1441
Description  High-speed CAN transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJR1441 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TJR1441 Datasheet HTML 10Page - NXP Semiconductors TJR1441 Datasheet HTML 11Page - NXP Semiconductors TJR1441 Datasheet HTML 12Page - NXP Semiconductors TJR1441 Datasheet HTML 13Page - NXP Semiconductors TJR1441 Datasheet HTML 14Page - NXP Semiconductors TJR1441 Datasheet HTML 15Page - NXP Semiconductors TJR1441 Datasheet HTML 16Page - NXP Semiconductors TJR1441 Datasheet HTML 17Page - NXP Semiconductors TJR1441 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
NXP Semiconductors
TJR1441
High-speed CAN transceiver
TJR1441
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 September 2020
14 / 31
9 Thermal characteristics
Table 7. Thermal characteristics
Value determined for free convection conditions on a JEDEC 2S2P board.
Symbol
Parameter
Conditions[1]
Typ
Unit
SO8
96
K/W
Rth(j-a)
thermal resistance from junction to ambient
HVSON8
57
K/W
Rth(j-c)
thermal resistance from junction to case[2]
HVSON8
19
K/W
SO8
9
K/W
Ѱj-top
thermal characterization parameter from junction to top of package
HVSON8
9
K/W
[1]
According to JEDEC JESD51-2, JESD51-5 and JESD51-7 at natural convection on 2s2p board. Board with two inner copper layers (thickness: 35 μm)
and thermal via array under the exposed pad connected to the first inner copper layer (thickness: 70 μm).
[2]
Case temperature refers to the center of the heatsink at the bottom of the package.
10 Static characteristics
Table 8. Static characteristics
Tvj = -40 °C to +175 °C; VCC = 4.5 V to 5.5 V; VIO = 2.95 V to 5.5 V (TJR1441A); RL = 60 Ω; unless specified otherwise; all
voltages are defined with respect to ground; positive currents flow into the IC.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply; pin VCC
VCC
supply voltage
4.5
-
5.5
V
Vuvd
undervoltage detection
voltage
[2] 4
-
4.5
V
Vuvhys
undervoltage hysteresis
voltage
50
-
-
mV
Vuvd(swoff)
switch-off undervoltage
detection voltage
TJR1441B/D
[2] 2.65
-
2.95
V
Normal mode
dominant; VTXD = 0 V; t < tto(dom)TXD
-
38
60
mA
dominant; VTXD = 0 V;
short circuit on bus lines;
-3 V < (VCANH = VCANL) < +40 V
-
-
125
mA
recessive; VTXD = VIO[3]
-
4
7
mA
Silent mode; VTXD = VIO[3]
-
3
6
mA
ICC
supply current
Off mode; (TJR1441D only)
-
90
250
μA
I/O level adapter supply; pin VIO (TJR1441A)
VIO
supply voltage
2.95
-
5.5
V
Vuvd(swoff)
switch-off undervoltage
detection voltage
2.65
-
2.95
V
Normal mode; dominant; VTXD = 0 V
-
250
760
µA
Normal mode; recessive; VTXD = VIO
-
150
460
µA
IIO
supply current
Silent mode; VTXD = VIO
-
70
200
µA


Similar Part No. - TJR1441

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442AT NXP-TJR1442AT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442ATK NXP-TJR1442ATK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BT NXP-TJR1442BT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BTK NXP-TJR1442BTK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
More results

Similar Description - TJR1441

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com