Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJR1441 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TJR1441
Description  High-speed CAN transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJR1441 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TJR1441 Datasheet HTML 7Page - NXP Semiconductors TJR1441 Datasheet HTML 8Page - NXP Semiconductors TJR1441 Datasheet HTML 9Page - NXP Semiconductors TJR1441 Datasheet HTML 10Page - NXP Semiconductors TJR1441 Datasheet HTML 11Page - NXP Semiconductors TJR1441 Datasheet HTML 12Page - NXP Semiconductors TJR1441 Datasheet HTML 13Page - NXP Semiconductors TJR1441 Datasheet HTML 14Page - NXP Semiconductors TJR1441 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
NXP Semiconductors
TJR1441
High-speed CAN transceiver
TJR1441
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 September 2020
11 / 31
aaa-039057
6 V is the IEC 60134 Absolute Maximum Rating (AMR) for VCC and VIO (see Limiting values table). Above the AMR, irreversible changes in
characteristics, functionality or performance may occur. Returning from above AMR to the operating range, datasheet characteristics and
functionality cannot be guaranteed.
Target transceiver functionality as described in this datasheet is applicable.
Prolonged operation of the device outside the operating range may impact reliability over lifetime. Returning to the operating range, datasheet
characteristics are guaranteed provided the AMR has not been exceeded.
For a given value of VCC (and VIO in TJR1441A), a specific device will be in a single defined state determined by its undervoltage detection
thresholds (Vuvd(VCC), Vuvd(swoff)(VIO) and Vuvd(swoff)(VCC)). The actual thresholds can vary between devices (within the ranges specified
in this data sheet). To guarantee the device will be in a specific state, VIO and VCC must be either above the maximum or below the
minimum thresholds specified for these undervoltage detection ranges.
Datasheet characteristics are guaranteed within the VCC and VIO operating ranges. Exceptions are described in the Static and Dynamic
characteristics tables.
The following applies to TJR1441A:
- The device is fully functional when both VCC and VIO are above the undervoltage threshold.
- If VCC or VIO falls below any undervoltage threshold, the device switches to Off mode.
Off
Fully functional[2][3] OR
Off[4]
Fully functional[2] OR
Off[4]
5.5 V - 6 V[1]
2.95 V - 4 V
Vuvd(swoff)(VCC) range
-0.3 V - 2.65 V
Fully functional[2][3]
Off[4]
Fully functional[2] AND
characteristics
guaranteed[5]
Fully functional[2] OR
Off[4]
Off
Off[4]
Fully functional[2][3]
Off
Fully functional[2] and
characteristics
guaranteed[5]
Fully functional[2] OR
Off[4]
Off
Vuvd(VCC) range[6]
-0.3 V - 4 V
VCC operating range
(4.5 V - 5.5 V)
TJR1441A
Voltage range on VIO
5.5 V - 6 V[1]
Vuvd(VCC) range
VCC operating range
(4.5 V - 5.5 V)
TJR1441B/D
[1]
[2]
[3]
[4]
[5]
[6]
Figure 7. Supply voltage ranges and gap-free operation
7.2 Fail-safe features
7.2.1 TXD dominant time-out function
A 'TXD dominant time-out' timer is started when pin TXD is set LOW. If the LOW state on
this pin persists for longer than tto(dom)TXD, the transmitter is disabled, releasing the bus
lines to recessive state. This function prevents a hardware and/or software application
failure from driving the bus lines to a permanent dominant state (blocking all network
communications). The TXD dominant time-out timer is reset when pin TXD goes HIGH.
7.2.2 Internal biasing of TXD and mode input pins
Pins TXD, S, S_N and OFF have internal pull-ups to VCC/VIO to ensure a safe, defined
state in case one or more of these pins is left open or become floating. Pull-up resistors


Similar Part No. - TJR1441

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442AT NXP-TJR1442AT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442ATK NXP-TJR1442ATK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BT NXP-TJR1442BT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BTK NXP-TJR1442BTK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
More results

Similar Description - TJR1441

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com