Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJR1441 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TJR1441
Description  High-speed CAN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJR1441 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TJR1441 Datasheet HTML 2Page - NXP Semiconductors TJR1441 Datasheet HTML 3Page - NXP Semiconductors TJR1441 Datasheet HTML 4Page - NXP Semiconductors TJR1441 Datasheet HTML 5Page - NXP Semiconductors TJR1441 Datasheet HTML 6Page - NXP Semiconductors TJR1441 Datasheet HTML 7Page - NXP Semiconductors TJR1441 Datasheet HTML 8Page - NXP Semiconductors TJR1441 Datasheet HTML 9Page - NXP Semiconductors TJR1441 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
NXP Semiconductors
TJR1441
High-speed CAN transceiver
TJR1441
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 September 2020
6 / 31
6 Pinning information
6.1 Pinning
TXD
S
GND
CANH
VCC
CANL
RXD
VIO
1
2
3
4
6
5
8
7
aaa-030469
TXD
S
GND
CANH
VCC
CANL
RXD
n.c.
1
2
3
4
6
5
8
7
aaa-030470
TXD
OFF
GND
CANH
VCC
CANL
RXD
S_N
1
2
3
4
6
5
8
7
aaa-030471
TJR1441AT: SO8
TJR1441BT: SO8
TJR1441DT: SO8
RXD 4
VCC 3
GND 2
TXD 1
VIO
5
CANL
6
CANH
7
S
8
aaa-030472
terminal 1
index area
Transparent top view
RXD 4
VCC 3
GND 2
TXD 1
n.c.
5
CANL
6
CANH
7
S
8
aaa-030473
terminal 1
index area
Transparent top view
RXD 4
VCC 3
GND 2
TXD 1
S_N
5
CANL
6
CANH
7
OFF
8
aaa-030474
terminal 1
index area
Transparent top view
TJR1441ATK: HVSON8
TJR1441BTK: HVSON8
TJR1441DTK: HVSON8
Figure 3. Pin configuration diagrams
6.2 Pin description
Table 3. Pin description
Symbol
Pin
Type[1] Description
TXD
1
I
transmit data input; inputs data (from the CAN controller) to be written to the bus lines
GND[2]
2
G
ground
VCC
3
P
5 V supply voltage input
RXD
4
O
receive data output; outputs data read from the bus lines (to the CAN controller).
VIO
P
supply voltage input for I/O level adapter in TJR1441A
n.c.
-
not connected in TJR1441B
S_N
5
I
Silent mode control input in TJR1441D; active-LOW
CANL
6
AIO
LOW-level CAN bus line
CANH
7
AIO
HIGH-level CAN bus line
S
I
Silent mode control input in TJR1441A and TJR1441B; active-HIGH
OFF
8
I
Off mode control input in TJR1441D; active-HIGH
[1]
I: digital input; O: digital output; AIO: analog input/output; P: power supply; G: ground.
[2]
HVSON package die supply ground is connected to both the GND pin and the exposed center pad. The GND pin must be soldered to board ground. For
enhanced thermal and electrical performance, it is also recommended to solder the exposed center pad to board ground.


Similar Part No. - TJR1441

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
High-speed CAN transceiver with Standby mode
TJR1442AT NXP-TJR1442AT Datasheet
358Kb / 30P
High-speed CAN transceiver with Standby mode
TJR1442ATK NXP-TJR1442ATK Datasheet
358Kb / 30P
High-speed CAN transceiver with Standby mode
TJR1442BT NXP-TJR1442BT Datasheet
358Kb / 30P
High-speed CAN transceiver with Standby mode
TJR1442BTK NXP-TJR1442BTK Datasheet
358Kb / 30P
High-speed CAN transceiver with Standby mode
More results

Similar Description - TJR1441

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
High-Speed CAN Transceiver
2002
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com