Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJR1441 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TJR1441
Description  High-speed CAN transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJR1441 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TJR1441 Datasheet HTML 23Page - NXP Semiconductors TJR1441 Datasheet HTML 24Page - NXP Semiconductors TJR1441 Datasheet HTML 25Page - NXP Semiconductors TJR1441 Datasheet HTML 26Page - NXP Semiconductors TJR1441 Datasheet HTML 27Page - NXP Semiconductors TJR1441 Datasheet HTML 28Page - NXP Semiconductors TJR1441 Datasheet HTML 29Page - NXP Semiconductors TJR1441 Datasheet HTML 30Page - NXP Semiconductors TJR1441 Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
NXP Semiconductors
TJR1441
High-speed CAN transceiver
TJR1441
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 September 2020
27 / 31
18 Appendix: ISO 11898-2:2016 parameter cross-reference list
Table 12. ISO 11898-2:2016 to NXP data sheet parameter conversion
ISO 11898-2:2016
NXP data sheet
Parameter
Notation Symbol
Parameter
HS-PMA dominant output characteristics
Single ended voltage on CAN_H
VCAN_H
Single ended voltage on CAN_L
VCAN_L
VO(dom)
dominant output voltage
Differential voltage on normal bus load
Differential voltage on effective resistance during arbitration
Optional: Differential voltage on extended bus load range
VDiff
VO(dif)
differential output voltage
HS-PMA driver symmetry
Driver symmetry
VSYM
VTXsym
transmitter voltage symmetry
Maximum HS-PMA driver output current
Absolute current on CAN_H
ICAN_H
Absolute current on CAN_L
ICAN_L
IO(sc)dom
dominant short-circuit output
current
HS-PMA recessive output characteristics, bus biasing active/inactive
Single ended output voltage on CAN_H
VCAN_H
Single ended output voltage on CAN_L
VCAN_L
VO(rec)
recessive output voltage
Differential output voltage
VDiff
VO(dif)
differential output voltage
Optional HS-PMA transmit dominant time-out
Transmit dominant time-out, long
Transmit dominant time-out, short
tdom
tto(dom)TXD
TXD dominant time-out time
HS-PMA static receiver input characteristics, bus biasing active/inactive
Vth(RX)dif
differential receiver threshold
voltage
Vrec(RX)
receiver recessive voltage
Recessive state differential input voltage range
Dominant state differential input voltage range
VDiff
Vdom(RX)
receiver dominant voltage
HS-PMA receiver input resistance (matching)
Differential internal resistance
RDiff
Ri(dif)
differential input resistance
Single ended internal resistance
RCAN_H
RCAN_L
Ri
input resistance
Matching of internal resistance
MR
ΔRi
input resistance deviation
HS-PMA implementation loop delay requirement
td(TXDH-RXDH) delay time from TXD HIGH to
RXD HIGH
Loop delay
tLoop
td(TXDL-RXDL)
delay time from TXD LOW to
RXD LOW


Similar Part No. - TJR1441

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442AT NXP-TJR1442AT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442ATK NXP-TJR1442ATK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BT NXP-TJR1442BT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BTK NXP-TJR1442BTK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
More results

Similar Description - TJR1441

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com