Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJR1441 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TJR1441
Description  High-speed CAN transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJR1441 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TJR1441 Datasheet HTML 13Page - NXP Semiconductors TJR1441 Datasheet HTML 14Page - NXP Semiconductors TJR1441 Datasheet HTML 15Page - NXP Semiconductors TJR1441 Datasheet HTML 16Page - NXP Semiconductors TJR1441 Datasheet HTML 17Page - NXP Semiconductors TJR1441 Datasheet HTML 18Page - NXP Semiconductors TJR1441 Datasheet HTML 19Page - NXP Semiconductors TJR1441 Datasheet HTML 20Page - NXP Semiconductors TJR1441 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
NXP Semiconductors
TJR1441
High-speed CAN transceiver
TJR1441
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 September 2020
17 / 31
11 Dynamic characteristics
Table 9. Dynamic characteristics
Tvj = −40 °C to +175 °C; VCC = 4.5 V to 5.5 V; VIO = 2.95 V to 5.5 V (TJR1441A); RL = 60 Ω; unless specified otherwise. All
voltages are defined with respect to ground.[1]
Symbol
Parameter
Conditions
Min
Typ
Max Unit
CAN timing characteristics; tbit(TXD) ≥ 200 ns; see Figure 8, Figure 9 and Figure 14
td(TXD-busdom) delay time from TXD to bus dominant
Normal mode
-
-
102.5 ns
td(TXD-busrec) delay time from TXD to bus recessive
Normal mode
-
-
102.5 ns
td(busdom-RXD) delay time from bus dominant to RXD
Normal or Silent mode
-
-
127.5 ns
td(busrec-RXD) delay time from bus recessive to RXD
Normal or Silent mode
-
-
127.5 ns
td(TXDL-RXDL) delay time from TXD LOW to RXD LOW Normal mode
-
-
230
ns
td(TXDH-RXDH) delay time from TXD HIGH to RXD HIGH Normal mode
-
-
230
ns
CAN FD timing characteristics; see Figure 9 and Figure 14
tbit(TXD) = 500 ns
435
-
530
ns
tbit(bus)
transmitted recessive bit width
tbit(TXD) = 200 ns
155
-
210
ns
tbit(TXD) = 500 ns
400
-
550
ns
tbit(RXD)
bit time on pin RXD
tbit(TXD) = 200 ns
120
-
220
ns
tbit(TXD) = 500 ns
-65
-
40
ns
Δtrec
receiver timing symmetry
tbit(TXD) = 200 ns
-45
-
15
ns
Dominant time-out time; pin TXD
tto(dom)TXD
TXD dominant time-out time
VTXD = 0 V; Normal mode
[2]
[3]
0.8
-
9
ms
Mode transitions
tt(moch)
mode change transition time
[2] -
-
50
µs
tstartup
start-up time
[2] -
-
1
ms
IO filter; pins S (TJR1441A/B), S_N (TJR1441D) and OFF (TJR1441D)
tfltr(IO)
I/O filter time
[4] 1
-
5
µs
Undervoltage detection; see Figure 4, Figure 5 and Figure 6
tdet(uv)
undervoltage detection time
on pin VCC
[2] -
-
30
µs
on pin VCC; TJR1441B/D
[2] -
-
30
µs
tuvd(swoff)
switch-off undervoltage detection time
on pin VIO; TJR1441A
[2] -
-
30
µs
trec(uv)
undervoltage recovery time
on pin VCC
[2] -
-
50
µs
[1]
All parameters are guaranteed over the junction temperature range by design. Factory testing uses correlated test conditions to cover the specified
temperature and power supply voltage ranges.
[2]
Not tested in production; guaranteed by design.
[3]
Time-out occurs between the min and max values. Time-out is guaranteed not to occur below the min value; time-out is guaranteed to occur above the
max value.
[4]
Pulses shorter than the min value are guaranteed to be filtered out; pulses longer than the max value are guaranteed to be processed.


Similar Part No. - TJR1441

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442AT NXP-TJR1442AT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442ATK NXP-TJR1442ATK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BT NXP-TJR1442BT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BTK NXP-TJR1442BTK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
More results

Similar Description - TJR1441

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com