Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJR1441 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TJR1441
Description  High-speed CAN transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJR1441 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TJR1441 Datasheet HTML 12Page - NXP Semiconductors TJR1441 Datasheet HTML 13Page - NXP Semiconductors TJR1441 Datasheet HTML 14Page - NXP Semiconductors TJR1441 Datasheet HTML 15Page - NXP Semiconductors TJR1441 Datasheet HTML 16Page - NXP Semiconductors TJR1441 Datasheet HTML 17Page - NXP Semiconductors TJR1441 Datasheet HTML 18Page - NXP Semiconductors TJR1441 Datasheet HTML 19Page - NXP Semiconductors TJR1441 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
NXP Semiconductors
TJR1441
High-speed CAN transceiver
TJR1441
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 September 2020
16 / 31
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vrec(RX)
receiver recessive voltage
Normal or Silent mode;
-12 V ≤ VCANH ≤ +12 V;
-12 V ≤ VCANL ≤ +12 V
-4
-
0.5
V
Vdom(RX)
receiver dominant voltage
Normal or Silent mode;
-12 V ≤ VCANH ≤ +12 V;
-12 V ≤ VCANL ≤ +12 V
0.9
-
9
V
Vhys(RX)dif
differential receiver
hysteresis voltage
Normal or Silent mode;
-12 V ≤ VCANH ≤ +12 V;
-12 V ≤ VCANL ≤ +12 V
50
-
-
mV
IO(sc)
short-circuit output current
-15 V ≤ VCANH ≤ +40 V;
-15 V ≤ VCANL ≤ +40 V
-
-
115
mA
IO(sc)rec
recessive short-circuit output
current
Normal mode; VTXD = VIO[3];
-27 V ≤ VCANH ≤ +32 V;
-27 V ≤ VCANL ≤ +32 V
-3
-
+3
mA
IL
leakage current
VCC = VIO = 0 V or pins shorted to GND
via 47 KΩ; VCANH = VCANL = 5 V;
-10
-
+10
µA
Ri
input resistance
-2 V ≤ VCANL ≤ +7 V;
-2 V ≤ VCANH ≤ +7 V
25
40
50
kΩ
ΔRi
input resistance deviation
0 V ≤ VCANL ≤ +5 V; 0 V ≤ VCANH ≤ +5 V
-3
-
+3
%
Ri(dif)
differential input resistance
-2 V ≤ VCANL ≤ +7 V;
-2 V ≤ VCANH ≤ +7 V
50
80
100
kΩ
Ci(cm)
common-mode input
capacitance
[4] -
-
20
pF
Ci(dif)
differential input capacitance
[4] -
-
10
pF
Temperature detection
Tj(sd)
shutdown junction
temperature
180
-
200
°C
Tj(sd)rel
release shutdown junction
temperature
175
-
195
°C
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Factory testing uses correlated test conditions to cover the specified
temperature and power supply voltage range.
[2]
Undervoltage is detected between min and max values. Undervoltage is guaranteed to be detected below min value and guaranteed not to be detected
above max value.
[3]
VCC in TJR1441B/D
[4]
Not tested in production; guaranteed by design.
[5]
The test circuit used to measure the bus output voltage symmetry (which includes CSPLIT) is shown in Figure 15
[6]
See Figure 10


Similar Part No. - TJR1441

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442AT NXP-TJR1442AT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442ATK NXP-TJR1442ATK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BT NXP-TJR1442BT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BTK NXP-TJR1442BTK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
More results

Similar Description - TJR1441

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com