Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJR1441 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TJR1441
Description  High-speed CAN transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJR1441 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TJR1441 Datasheet HTML 11Page - NXP Semiconductors TJR1441 Datasheet HTML 12Page - NXP Semiconductors TJR1441 Datasheet HTML 13Page - NXP Semiconductors TJR1441 Datasheet HTML 14Page - NXP Semiconductors TJR1441 Datasheet HTML 15Page - NXP Semiconductors TJR1441 Datasheet HTML 16Page - NXP Semiconductors TJR1441 Datasheet HTML 17Page - NXP Semiconductors TJR1441 Datasheet HTML 18Page - NXP Semiconductors TJR1441 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
NXP Semiconductors
TJR1441
High-speed CAN transceiver
TJR1441
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 September 2020
15 / 31
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CAN transmit data input; pin TXD
VIH
HIGH-level input voltage
0.7VIO[3] -
-
V
VIL
LOW-level input voltage
-
-
0.3VIO[3] V
Vhys(TXD)
hysteresis voltage on pin
TXD
50
-
-
mV
Rpu
pull-up resistance
20
-
80
kΩ
Ci
input capacitance
[4] -
-
10
pF
CAN receive data output; pin RXD
IOH
HIGH-level output current
VRXD = VIO[3] - 0.4 V
-10
-
-1
mA
IOL
LOW-level output current
VRXD = 0.4 V
+1
-
+10
mA
Silent control inputs; pins S (TJR1441A/B), S_N (TJR1441D) and OFF (TJR1441D)
VIH
HIGH-level input voltage
0.7VIO[3] -
-
V
VIL
LOW-level input voltage
-
-
0.3VIO[3] V
Vhys
hysteresis voltage
50
-
-
mV
Rpu
pull-up resistance
20
-
80
kΩ
Ci
input capacitance
[4] -
-
10
pF
Bus lines; pins CANH and CANL
VTXD = 0 V; t < tto(dom)TXD; VCC ≥ 4.75 V
pin CANH; RL = 50 Ω to 65 Ω
2.75
3.5
4.5
V
VO(dom)
dominant output voltage
pin CANL; RL = 50 Ω to 65 Ω
0.5
1.5
2.25
V
VTXsym
transmitter voltage
symmetry
VTXsym = VCANH + VCANL;
CSPLIT = 4.7 nF;
fTXD = 250 kHz, 1 MHz or 2.5 MHz
[4]
[5]
0.9VCC -
1.1VCC V
Vcm(step)
common mode voltage step
[4]
[5]
[6]
-150
-
+150
mV
Vcm(p-p)
peak-to-peak common mode
voltage
[4]
[5]
[6]
-300
-
+300
mV
dominant; Normal mode; VTXD = 0 V;
t < tto(dom)TXD; VCC ≥ 4.75 V
RL = 50 Ω to 65 Ω
1.5
-
3
V
RL = 45 Ω to 70 Ω
1.4
-
3.3
V
RL = 2240 Ω
[4] 1.5
-
5
V
recessive; no load
VO(dif)
differential output voltage
Normal or Silent mode; VTXD = VIO[3]
-50
-
+50
mV
VO(rec)
recessive output voltage
Normal or Silent mode; VTXD = VIO[3]; no
load
2
2.5
3
V
Vth(RX)dif
differential receiver
threshold voltage
Normal or Silent mode;
-12 V ≤ VCANH ≤ +12 V;
-12 V ≤ VCANL ≤ +12 V
0.5
-
0.9
V


Similar Part No. - TJR1441

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442AT NXP-TJR1442AT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442ATK NXP-TJR1442ATK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BT NXP-TJR1442BT Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
TJR1442BTK NXP-TJR1442BTK Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
More results

Similar Description - TJR1441

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com