Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5449788 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 5449788
Description  Printed-circuit board connector - BCVP-381RF-13 GN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5449788 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  5449788 Datasheet HTML 1Page - PHOENIX CONTACT 5449788 Datasheet HTML 2Page - PHOENIX CONTACT 5449788 Datasheet HTML 3Page - PHOENIX CONTACT 5449788 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/us/products/5449788
11/04/2014   Page 4 / 4
Printed-circuit board connector - BCVP-381RF-13 GN - 5449788
Approvals
cUL Recognized 
 
B
D
mm²/AWG/kcmil
30-14
30-14
Nominal current IN
8 A
8 A
Nominal voltage UN
300 V
300 V
VDE Gutachten mit Fertigungsüberwachung 
 
 
mm²/AWG/kcmil
0.2-1.5
Nominal current IN
8 A
Nominal voltage UN
160 V
cULus Recognized 
Drawings
Diagram
100
80
60
40
20
0
=5-pos.
0
2
4
6
8
10
12
14
16
Ambienttemperature[°C]
Dimensioned drawing
a+4,6
4,8
a
3,81
4,5
10,4
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 5449788

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5449704 PHOENIX-5449704 Datasheet
75Kb / 4P
Printed-circuit board connector - BCVP-381RF- 5 GN
5449717 PHOENIX-5449717 Datasheet
75Kb / 4P
Printed-circuit board connector - BCVP-381RF- 6 GN
5449720 PHOENIX-5449720 Datasheet
76Kb / 4P
Printed-circuit board connector - BCVP-381RF- 7 GN
5449733 PHOENIX-5449733 Datasheet
76Kb / 4P
Printed-circuit board connector - BCVP-381RF- 8 GN
5449746 PHOENIX-5449746 Datasheet
75Kb / 4P
Printed-circuit board connector - BCVP-381RF- 9 GN
More results

Similar Description - 5449788

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5449678 PHOENIX-5449678 Datasheet
76Kb / 4P
Printed-circuit board connector - BCVP-381RF- 2 GN
5449681 PHOENIX-5449681 Datasheet
76Kb / 4P
Printed-circuit board connector - BCVP-381RF- 3 GN
5449733 PHOENIX-5449733 Datasheet
76Kb / 4P
Printed-circuit board connector - BCVP-381RF- 8 GN
5449791 PHOENIX-5449791 Datasheet
76Kb / 4P
Printed-circuit board connector - BCVP-381RF-14 GN
5449814 PHOENIX-5449814 Datasheet
75Kb / 4P
Printed-circuit board connector - BCVP-381RF-16 GN
5449762 PHOENIX-5449762 Datasheet
75Kb / 4P
Printed-circuit board connector - BCVP-381RF-11 GN
5449775 PHOENIX-5449775 Datasheet
75Kb / 4P
Printed-circuit board connector - BCVP-381RF-12 GN
5449694 PHOENIX-5449694 Datasheet
76Kb / 4P
Printed-circuit board connector - BCVP-381RF- 4 GN
5449704 PHOENIX-5449704 Datasheet
75Kb / 4P
Printed-circuit board connector - BCVP-381RF- 5 GN
5449746 PHOENIX-5449746 Datasheet
75Kb / 4P
Printed-circuit board connector - BCVP-381RF- 9 GN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com