Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BX16H Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # BX16H
Description  STANDARD RACK MOUNTING FRAME
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

BX16H Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  BX16H Datasheet HTML 1Page - M-System Co.,Ltd. BX16H Datasheet HTML 2Page - M-System Co.,Ltd. BX16H Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: BX-16H
BX-16H SPECIFICATIONS
ES-3432 Rev.5 Page 2/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
■ BODY
MOUNTING BLOCK*
(AIR HEADER), MODEL MB-16
483 (19.02)
465 (18.31)
438 (17.24)
MOUNTING BLOCK*
(AIR HEADER), MODEL MB-16
4–7x12 (.28x.47)
WIDE SLOT
DIN RAIL
DIN RAIL
AIR SUPPLY
*The MB-16 is to be separately ordered.
■DIN rail
10 (.39)
25 (.98)
25 (.98)
425 (16.73)
7.3 (.29)
1 (.04)
MOUNTING REQUIREMENTS unit: mm (inch)
450 (17.72)
465 (18.31)
4−M5
Mounting Angle
Note: Leave an appropriate amount of space below for wiring.
*Numbers in parentheses are JIS standards


Similar Part No. - BX16H

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
BX16G MSYSTEM-BX16G Datasheet
134Kb / 4P
STANDARD RACK MOUNTING FRAME
More results

Similar Description - BX16H

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SREXTENDER TRIPPLITE-SREXTENDER Datasheet
492Kb / 2P
SmartRack Rack Enclosure Extension Frame - Increases rack external and maximum mounting depth
logo
Bud Industries, Inc.
SF-2184 BUD-SF-2184 Datasheet
43Kb / 1P
SWING FRAME RACK
logo
Tripp Lite. All Rights ...
SR4POST1224 TRIPPLITE-SR4POST1224 Datasheet
158Kb / 3P
45U SmartRack 4-Post Open Frame Rack - Threaded 12-24 Mounting Holes
SR42UBEXPND TRIPPLITE-SR42UBEXPND Datasheet
163Kb / 3P
SmartRack 42U Standard-Depth 4-Post Premium Open Frame Rack
logo
M-System Co.,Ltd.
38BXCS MSYSTEM-38BXCS Datasheet
76Kb / 6P
STANDARD RACK
BX1DL MSYSTEM-BX1DL Datasheet
38Kb / 1P
MOUNTING FRAME
BX16G MSYSTEM-BX16G Datasheet
134Kb / 4P
STANDARD RACK MOUNTING FRAME
logo
PHOENIX CONTACT
1407986 PHOENIX-1407986 Datasheet
43Kb / 2P
19 mounting frame - CUC-PP-FRAME-1
logo
Mini-Circuits
RKT-RC4DAT-2 MINI-RKT-RC4DAT-2 Datasheet
366Kb / 4P
Rack Mounting Kit
16-Jun-21
RKT-RC4DAT MINI-RKT-RC4DAT Datasheet
525Kb / 5P
Rack Mounting Kit
19-Jan-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com