Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032A-180LT44 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPLSI2032A-180LT44
Description  In-System Programmable High Density PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032A-180LT44 Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPLSI2032A-180LT44 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032A-180LT44 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Specifications ispLSI 2032/A
4
Input Pulse Levels
Table 2-0003/2032
Input Rise and Fall Time
10% to 90%
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to 3.0V
1.5V
1.5V
See Figure 2
3-state levels are measured 0.5V from
steady-state active level.
-135, -150, -180
-80, -110
≤ 1.5 ns
≤ 3 ns
Figure 2. Test Load
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213A
Switching Test Conditions
DC Electrical Characteristics
Over Recommended Operating Conditions
Output Load Conditions (see Figure 2)
TEST CONDITION
R1
R2
CL
A
470Ω
390Ω
35pF
B
390Ω
35pF
470Ω
390Ω
35pF
Active High
Active Low
C
470Ω
390Ω
5pF
390Ω
5pF
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2 - 0004A
VOL
SYMBOL
1. One output at a time for a maximum duration of one second. V
= 0.5V was selected to avoid test problems
by tester ground degradation. Characterized but not 100% tested.
2. Measured using two 16-bit counters.
3. Typical values are at V = 5V and T = 25°C.
4. Maximum I
varies widely with specific device configuration and operating frequency. Refer to the Power Consumption
section of this data sheet and Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to
estimate maximum I
.
Table 2-0007/2032
1
VOH
IIH
IIL
IIL-isp
PARAMETER
IIL-PU
IOS
2, 4
ICC
Output Low Voltage
Output High Voltage
Input or I/O High Leakage Current
Input or I/O Low Leakage Current
ispEN Input Low Leakage Current
I/O Active Pull-Up Current
Output Short Circuit Current
Operating Power Supply Current
I = 8 mA
I
= -4 mA
3.5V ≤ V ≤ V
0V ≤ V ≤ V (Max.)
0V ≤ V ≤ V
0V ≤ V ≤ V
V = 5V, V
= 0.5V
V = 0.0V, V = 3.0V
f
= 1 MHz
OL
OH
IN
IL
IN
CC
IN
IL
IN
IL
CC
OUT
TOGGLE
IL
IH
CONDITION
MIN.
TYP.
MAX.
UNITS
3
2.4
0.4
10
-10
-150
-150
-200
V
V
µA
µA
µA
µA
mA
CC
A
OUT
40
40
mA
mA
–60
mA
-180, -150
Others
CC
CC
Comm.
Industrial


Similar Part No. - ISPLSI2032A-180LT44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LJ44 LATTICE-ISPLSI2032E-110LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT44 LATTICE-ISPLSI2032E-110LT44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-110LT48 LATTICE-ISPLSI2032E-110LT48 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
ISPLSI2032E-135LJ44 LATTICE-ISPLSI2032E-135LJ44 Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
More results

Similar Description - ISPLSI2032A-180LT44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com