Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0.1MS4A Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 0.1MS4A
Description  0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

0.1MS4A Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  0.1MS4A Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.1MS4A Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 0.1MS4A Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 3
0.1MS4A_1.5UP – Rev. 2020-1.2
Specifications subject to change without notice.
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A_1.5UP Series
Mechanical dimensions
Recommended footprint
Tube outline dimensions
Note:
All dimensions are in mm ±0.25mm
All pins on a 2.54mm pitch and within ±0.25mm of true position
Note:
Tube length: 525mm ±2mm
Tube quantity: 40Pcs


Similar Part No. - 0.1MS4A

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MD4A_0303S1.5U GAPTEC-0.1MD4A_0303S1.5U Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MD4A_0503S1.5U GAPTEC-0.1MD4A_0503S1.5U Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MD4A_0505S1.5U GAPTEC-0.1MD4A_0505S1.5U Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MD4A_1.5U GAPTEC-0.1MD4A_1.5U Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results

Similar Description - 0.1MS4A

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8E GAPTEC-0.5T8E Datasheet
806Kb / 3P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
3MT28A GAPTEC-3MT28A Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
2H-XVD MICRODC-2H-XVD Datasheet
456Kb / 2P
   FIXED INPUT,ISOLATED UNREGULATED Single/Dual Output DC/DC Converter
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QS7B GAPTEC-QS7B Datasheet
758Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A GAPTEC-1T8A Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8CE GAPTEC-0.5T8CE Datasheet
1Mb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com