Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0.1MD4A Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 0.1MD4A
Description  0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

0.1MD4A Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  0.1MD4A Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.1MD4A Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 0.1MD4A Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 3
0.1MD4A_1.5U – Rev. 2017-1.1
Specifications subject to change without notice.
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MD4A_1.5U Series
Mechanical dimensions
Application notes
Note:
All dimensions are in mm [inches]
1. Pin Size is 0.50x0.30mm [0.02x0.01”]
2. Pin is Tolerance .XX = ±0.05mm
3. Tolerance .X or .XX = ±0.5mm
External capacitance requirements
Output filtering is required for operation. A minimum of 10uF is needed.
Output capacitance may be increased for additional filtering, not to
exceed 220uF.
To meet the reflected ripple requirements of the converter, an input
impedance of less than 0.5 ohm from DC to 250KHz is required.
We can offer EMC-Filter According To EN55011/22 Class B.
Negative Outputs
A negative output voltage may be obtained by connecting the +OUT to
circuit ground and connecting –OUT as the negative output.


Similar Part No. - 0.1MD4A

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A_0303S1.5UP GAPTEC-0.1MS4A_0303S1.5UP Datasheet
711Kb / 3P
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A_0305S1.5UP GAPTEC-0.1MS4A_0305S1.5UP Datasheet
711Kb / 3P
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A_0309S1.5UP GAPTEC-0.1MS4A_0309S1.5UP Datasheet
711Kb / 3P
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A_0503S1.5UP GAPTEC-0.1MS4A_0503S1.5UP Datasheet
711Kb / 3P
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results

Similar Description - 0.1MD4A

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8E GAPTEC-0.5T8E Datasheet
806Kb / 3P
0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
3MT28A GAPTEC-3MT28A Datasheet
1Mb / 4P
3W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
2H-XVD MICRODC-2H-XVD Datasheet
456Kb / 2P
FIXED INPUT,ISOLATED UNREGULATED Single/Dual Output DC/DC Converter
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QS7B GAPTEC-QS7B Datasheet
758Kb / 3P
0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A GAPTEC-1T8A Datasheet
1Mb / 5P
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8CE GAPTEC-0.5T8CE Datasheet
1Mb / 4P
0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com