Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0.1MD4A Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 0.1MD4A
Description  0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

0.1MD4A Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  0.1MD4A Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.1MD4A Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 0.1MD4A Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.1MD4A_1.5U Series
0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 3
0.1MD4A_1.5U – Rev. 2017-1.1
Specifications subject to change without notice.
Efficiency up to 50%
1500VDC isolation
Temperature Range:
-40°C ~ +85°C
Internal SMD Construction
100% burn in
Industry standard pinout
RoHS compliance
MTBF >1,000,000 hours
UL 94V-0 package material
DC-DC Converter
0.1 Watt
The 0.1MD4A_1.5U series are specially designed for applications where a
group of polar power supplies are isolated from the input power supply
in a distributed power supply system on a circuit board.
They apply to:
1) Where the voltage of the input power supply is fixed
(Voltage variation ≤ ±10%)
2) Where isolation is necessary between input and output
(Isolation voltage ≤1500VDC)
3) Where the regulation of the output voltage and the output ripple
noise are not demanding.
Such as: purely digital circuits, ordinary low frequency analog circuits,
and IGBT power device driving circuits.
Common specifications
Short circuit protection:
momentary
Case temperature rise above ambient: +100°C max.
Cooling:
Free air convection
Operation temperature range:
-40°C~+85°C
Storage temperature range:
-55°C ~+125°C
Lead temperature:
300°C MAX, 1.5mm from case for 10 sec
Storage humidity range:
< 95%
Radiated emissions:
EN55022 Class B
Case material:
Non-conductive plastic [UL94-V0]
MTBF (MIL-HDBK-217F @25°C):
>1,000,000 hours
Weight:
1.5g
Dimensions:
9.4mm*8.8mm*6.35mm
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Tested for 10sec.
1500
VDC
Isolation resistance
Test at 500VDC
109
Ω
Isolation capacitance
80
pF
Input specifications
Item
Test condition
Min
Typ
Max
Units
Voltage range
±10
%
Internal filter
Capacitor
Protection
Fuse recommended
Note:
1. Operation under minimum load will not damage the converter; However, they
may not meet all specification listed, and that will reduce the life of product.
2. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage
and rated output load unless otherwise specified.
3. Only typical models listed, other models may be different, please contact our
technical person for more details.
4. In this datasheet, all the test methods of indications are based on corporate
standards.
Example:
0.1MD4A_0505S1.5U
0.1 = 0.1 Watt; MD4 = Micro DIP4; A = Pinning; 05 = 5 Vin;
05 = 5Vout; S = Single Output; 1.5 = 1.5kVDC Isolation; U = Unregulated
Output specifications
Item
Test condition
Min
Typ
Max
Units
Minimum load
10% of full load
Voltage set point
accuracy
±2
W
Line regulation
for a 1% change in
input voltage
±1.5
%
Load regulation
20% to 100% load
±12
%
Output voltage
accuracy
See tolerance envelope graph
Temperature drift
100% full load
±0.05
%/°C
Ripple & Noise*
20MHz Bandwidth
100
mVp-
p
Switching frequency Full load, nominal input
100
KHz
* Measured with 1uF ceramic capacitor connect to the output pins.


Similar Part No. - 0.1MD4A

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A_0303S1.5UP GAPTEC-0.1MS4A_0303S1.5UP Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A_0305S1.5UP GAPTEC-0.1MS4A_0305S1.5UP Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A_0309S1.5UP GAPTEC-0.1MS4A_0309S1.5UP Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A_0503S1.5UP GAPTEC-0.1MS4A_0503S1.5UP Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results

Similar Description - 0.1MD4A

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8E GAPTEC-0.5T8E Datasheet
806Kb / 3P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
3MT28A GAPTEC-3MT28A Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
2H-XVD MICRODC-2H-XVD Datasheet
456Kb / 2P
   FIXED INPUT,ISOLATED UNREGULATED Single/Dual Output DC/DC Converter
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QS7B GAPTEC-QS7B Datasheet
758Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A GAPTEC-1T8A Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8CE GAPTEC-0.5T8CE Datasheet
1Mb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com