Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

360ACMOP Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 360ACMOP
Description  360W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

360ACMOP Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  360ACMOP Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 360ACMOP Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 360ACMOP Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 360ACMOP Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 4
360ACMOP_S4 – Rev. 2019-1.0
Specifications subject to change without notice.
360ACMOP_S4 Series
360W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
Mechanical dimensions
Mechanical specifications


Similar Part No. - 360ACMOP

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
360ACDR GAPTEC-360ACDR Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
360ACDR_24SC GAPTEC-360ACDR_24SC Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
360ACDR_36SC GAPTEC-360ACDR_36SC Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
360ACDR_48SC GAPTEC-360ACDR_48SC Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
360ACDR_SC GAPTEC-360ACDR_SC Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
More results

Similar Description - 360ACMOP

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
65ACMOP GAPTEC-65ACMOP Datasheet
746Kb / 3P
65W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
180ACMOP GAPTEC-180ACMOP Datasheet
752Kb / 2P
180W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
500ACMUP GAPTEC-500ACMUP Datasheet
1Mb / 6P
500W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
280ACMOP GAPTEC-280ACMOP Datasheet
2Mb / 5P
280W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
logo
Volgen Kaga Electronics...
KLT15F VOLGEN-KLT15F Datasheet
192Kb / 2P
15 WATT, Universal Input Open Frame Switching Power Supply
KLT30F VOLGEN-KLT30F Datasheet
195Kb / 2P
30 WATT, Universal Input Open Frame Switching Power Supply
logo
GAPTEC Electronic GmbH ...
360ACDR GAPTEC-360ACDR Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
logo
CUI INC
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
Open Frame Switching Power Supply
AQF500 ARCH-AQF500 Datasheet
357Kb / 6P
Open Frame Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com