Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

360ACMOP Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 360ACMOP
Description  360W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

360ACMOP Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  360ACMOP Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 360ACMOP Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 360ACMOP Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 360ACMOP Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 4
360ACMOP_S4 – Rev. 2019-1.0
Specifications subject to change without notice.
Approval
Model
Power
[W]
Output voltage
[V]
Load [A, max]
convection 18CFM Forced Air
Ripple&Noise
[mV, V1]
Standby supply
[V/A, V2]
Fan output
[V/A, V3]
Efficiency
[230VAC, %, typ]
UL/CE
360ACMOP_12S4
360
12
20.84
30
120
5/0.5
12/0.3
>90
UL/CE
360ACMOP_24S4
360
24
10.42
15
240
5/0.5
12/0.3
>90
UL/CE
360ACMOP_28S4
360
28
8.93
12.86
280
5/0.5
12/0.3
>90
UL/CE
360ACMOP_48S4
360
48
5.21
7.5
300
5/0.5
12/0.3
>90
UL/CE
360ACMOP_56S4
360
56
4.63
6.67
300
5/0.5
12/0.3
>90
360ACMOP_S4 Series
360W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
Universal input: 90~264VAC
High efficiency: >91% typical
Short circuit protection (SCP)
Over power protection (OPP)
Over voltage protection (OVP)
High Power density, 360W in
6“ x 4“ footprint
Meet Medical BF rated
ITE & Medical approvals
Medical applications
protection: Means of patient
protection (MOPP)
Altitude at operation: ITE up to
5000m, Medical below 3000m
Main output and Standby out-
put Power ON LED indicators
AC-DC Converter
360 Watt
The 360ACMOP_S4 series is a compact size power converter offered by
Gaptec. It features universal input voltage, taking AC input voltage, low
power consumption, high efficiency, high reliability, safer isolation. It
offers good EMC performance, meets IEC/EN61000-4, CISPR22/EN55022,
UL60950 and EN60950 standards, and is widely used in medical instru-
mentation and critical applications in commercial and industrial elec-
tronic equipment.
Input specifications
Input voltage range
90-264 VAC
Input frequency
47~63Hz
Power factor
115VAC
• 0.95(max)
230VAC
• 0.90 (max)
Input current
115VAC
• 5A (max)
230VAC
• 2.5A (max)
Inrush current
(cold start @25°C)
115VAC
• 40A (typ)
230VAC
• 80A (typ)
Leakage current
< 100µA/264VAC
Example:
360ACMOP_12S4
360= 360Watt; AC= AC-DC; MOP= series; 12Vout; S= Single Output;
4= 4kVAC
Note:
1. This product is not designed for use in critical life support systems, equipment
used in hazardous environment, nuclear control systems or other such
applications which necessitate specific safety and regulatory standards other
the ones listed in this datasheet.
2. Output connector options:
Z=T ( Terminal block type, pitch 8.25mm): Suitable for all voltages
Z=C ( Connector type, pitch=3.96mm ): Suitable for 24V up
3. All models are equiped with 5Vsb & 12V fan outputs.
4. All models have total power 250W Max. convection or 360W Max. forced air
cooling.
5. Ripple and noise are measured at oscilloscope 20MHz bandwidth by a 10uF elect-
rolytic capacitor and a 0.1uF ceramic capacitor in parallel at output connector.
Output specifications
Item
Test conditions
Min
Typ
Max
Units
Convection total
power
250
W
18CFM Forced air
total power
360
W
Output voltage
accuracy
Full load
±2
%
Hold-up time
@full load, 115VAC
10
ms
Protection specifications
Short circuit
protection
Protection type:
Auto-recovery
Over-voltage
protection
Protection type:
Latching type, AC recycle
Over-power
protection
Protection type:
105% to 150% maximum rating, auto-recovery


Similar Part No. - 360ACMOP

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
360ACDR GAPTEC-360ACDR Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
360ACDR_24SC GAPTEC-360ACDR_24SC Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
360ACDR_36SC GAPTEC-360ACDR_36SC Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
360ACDR_48SC GAPTEC-360ACDR_48SC Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
360ACDR_SC GAPTEC-360ACDR_SC Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
More results

Similar Description - 360ACMOP

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
65ACMOP GAPTEC-65ACMOP Datasheet
746Kb / 3P
65W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
180ACMOP GAPTEC-180ACMOP Datasheet
752Kb / 2P
180W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
500ACMUP GAPTEC-500ACMUP Datasheet
1Mb / 6P
500W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
280ACMOP GAPTEC-280ACMOP Datasheet
2Mb / 5P
280W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
logo
Volgen Kaga Electronics...
KLT15F VOLGEN-KLT15F Datasheet
192Kb / 2P
15 WATT, Universal Input Open Frame Switching Power Supply
KLT30F VOLGEN-KLT30F Datasheet
195Kb / 2P
30 WATT, Universal Input Open Frame Switching Power Supply
logo
GAPTEC Electronic GmbH ...
360ACDR GAPTEC-360ACDR Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
logo
CUI INC
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
Open Frame Switching Power Supply
AQF500 ARCH-AQF500 Datasheet
357Kb / 6P
Open Frame Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com