Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSU05A60 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # TSU05A60
Description  FRD - For Power Factor Improvement High Frequency Rectification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

TSU05A60 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  TSU05A60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation TSU05A60 Datasheet HTML 2Page - Nihon Inter Electronics Corporation TSU05A60 Datasheet HTML 3Page - Nihon Inter Electronics Corporation TSU05A60 Datasheet HTML 4Page - Nihon Inter Electronics Corporation TSU05A60 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FORWARD CURRENT VS. VOLTAGE
TSU05A60
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
INSTANTANEOUS FORWARD VOLTAGE (V)
0.5
1
2
5
10
20
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
0
2
4
6
8
AVERAGE FORWARD CURRENT (A)
0
2
4
6
8
10
12
14
16
TSU05A60
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°


Similar Part No. - TSU05A60

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
TSU05A60 NI-TSU05A60_15 Datasheet
104Kb / 1P
   FRED
More results

Similar Description - TSU05A60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCU10A60 NIEC-FCU10A60 Datasheet
54Kb / 5P
   FRD FOR POWER FACTOR IMPROVEMENT HIGH FREQUENCY RECTIFICATION
FSU20B60 NIEC-FSU20B60 Datasheet
56Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
TCU20B60 NIEC-TCU20B60 Datasheet
52Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
TCU20A60 NIEC-TCU20A60 Datasheet
52Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
TSF05A20 NIEC-TSF05A20 Datasheet
64Kb / 4P
   FRD - For Power Factor Improvement High Frequency Rectification
TSF05A40 NIEC-TSF05A40 Datasheet
64Kb / 4P
   FRD - For Power Factor Improvement High Frequency Rectification
FST20B60 NIEC-FST20B60 Datasheet
44Kb / 5P
   FRD FOR POWER FACTOR IMPROVEMENT HIGH FREQUENCY RECTIFICATION
TCU10A60 NIEC-TCU10A60 Datasheet
52Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
TSU10A60 NIEC-TSU10A60 Datasheet
53Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
TSU10B60 NIEC-TSU10B60 Datasheet
53Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com