Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5112 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PT5112
Description  DIODE MODULE 50A/1200V/1600V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT5112 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PT5112 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PT5112 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PT5112 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - PT5112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5112 TI-PT5112 Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5112A TI-PT5112A Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5112C TI-PT5112C Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5112L TI-PT5112L Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5112M TI-PT5112M Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT5112

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7612 DIODES-PT7612 Datasheet
140Kb / 3P
DIODE MODULE 75A/1200V/1600V
logo
Nihon Inter Electronics...
PDT40012 NIEC-PDT40012 Datasheet
251Kb / 5P
THYRISTOR MODULE 400A/1200V/1600V
PGH5016AM NIEC-PGH5016AM Datasheet
226Kb / 4P
THYRISTOR MODULE 50A / 1600V
PT50S16 NIEC-PT50S16 Datasheet
50Kb / 5P
DIODE MODULE 50A /1600V
PT76S12 NIEC-PT76S12 Datasheet
118Kb / 3P
DIODE MODULE 75A/1200V/1600V
PT150S12 NIEC-PT150S12 Datasheet
127Kb / 3P
DIODE MODULE 150A/1200V/1600V
PT200S12 NIEC-PT200S12 Datasheet
133Kb / 3P
DIODE MODULE 200A/1200V/1600V
PT10112 NIEC-PT10112 Datasheet
142Kb / 3P
DIODE MODULE 100A/1200V/1600V
logo
List of Unclassifed Man...
6R1MBI75P-160 ETC1-6R1MBI75P-160 Datasheet
136Kb / 4P
Diode Module with Brake Diode:1600V / 75A, IGBT:1400A/50A
logo
MacMic
MMG50HD120XB6T4N MACMIC-MMG50HD120XB6T4N Datasheet
1Mb / 9P
1200V 50A PIM Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com