Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT150S12 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PT150S12
Description  DIODE MODULE 150A/1200V/1600V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT150S12 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PT150S12 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PT150S12 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PT150S12 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIODE MODULE 150A/1200V/1600V
Maximum Ratings
Approx Net Weight:370g
Type / Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PT150S12
PT150S16
Unit
Repetitive Peak Reverse Voltage *1
VRRM
1200
1600
Non Repetitive Peak Reverse Voltage *1
VRSM
1300
1750
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
3-Phase Full Wave Rectified
Tc=Tt(Terminal)=70
°C
150
A
Surge Forward Current *1
IFSM
50 Hz Half Sine Wave,1Pulse
Non-repetitive
1100
A
I Squared t *1
I2t
2msec to 10msec
6000
A2s
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2500
V
Case mounting
Greased
M5 Screw
2.4 to 2.8
Mounting torque
Terminals
Ftor
M5
2.4 to 2.8
Nm
Electrical
• Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Reverse Current *1
IRM
VRM= VRRM, Tj= 125
°C
10
mA
Peak Forward Voltage *1
VFM
IFM= 150A, Tj=25
°C
1.35
V
Rth(j-c) Junction to Case (Total)
0.14
Thermal Resistance
Rth(c-f)
Base Plate to Heat Sink with Thermal
Compound (Total)
0.06 °
C/W
*1: Value Per 1Arm
FEATURES
* Isolated Base
* 3 Phase Bridge Circuit
* Designed Power Circuit Board
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PT150S12 PT150S16
PT150S12 PT150S16
PT150S12 PT150S16
PT150S12 PT150S16
OUTLINE DRAWING


Similar Part No. - PT150S12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT150S12 NIEC-PT150S12 Datasheet
283Kb / 2P
150A Avg 1200 1600 Volts
PT150S12 NIEC-PT150S12_1 Datasheet
283Kb / 2P
150A Avg 1200 1600 Volts
More results

Similar Description - PT150S12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7612 DIODES-PT7612 Datasheet
140Kb / 3P
DIODE MODULE 75A/1200V/1600V
logo
Nihon Inter Electronics...
PC15012 NIEC-PC15012 Datasheet
217Kb / 3P
DIODE MODULE 150A/1200 to 1600V
PD15116 NIEC-PD15116 Datasheet
175Kb / 6P
DIODE MODULE - 150A/1600V
PDT15116 NIEC-PDT15116 Datasheet
323Kb / 9P
THYRISTOR MODULE 150A / 1600V
PT76S12 NIEC-PT76S12 Datasheet
118Kb / 3P
DIODE MODULE 75A/1200V/1600V
PT200S12 NIEC-PT200S12 Datasheet
133Kb / 3P
DIODE MODULE 200A/1200V/1600V
PT5112 NIEC-PT5112 Datasheet
137Kb / 3P
DIODE MODULE 50A/1200V/1600V
PT10112 NIEC-PT10112 Datasheet
142Kb / 3P
DIODE MODULE 100A/1200V/1600V
logo
MacMic
MMG150D120B6HN MACMIC-MMG150D120B6HN Datasheet
540Kb / 5P
1200V 150A IGBT Module
MMK150T160UX MACMIC-MMK150T160UX Datasheet
742Kb / 5P
1600V 150A Three Phase DiodeThyristor Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com