Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7805CV Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # L7805CV
Description  THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

L7805CV Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  L7805CV Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. L7805CV Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. L7805CV Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. L7805CV Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. L7805CV Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pb Free Plating Product
L7805CV/L7812CV/L7815CV
THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
Pb
L7805CV/L7812CV/L7815CV
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/5
Rev.11T
TO-220W-SQ outline
Features
Output current to 1.0A
Thermal overload protection
Short circuit protection
Application
Switching Regulators and Amplifiers
※ AC and DC Motor Controls
Inverters,Solenoid and Relay Drivers
Mechanical Data
※ Case:TO-220W-SQ metal package
Terminals: Solderable per MIL-STD-202 method 208
Polarity: As per configuration
Mounting position: Any
Weight: 2.0 gram approximately
Output transition SOA protection
Operating Temperature Range -65 to + 300 C
0˚C
≤ T
J ≤ 125˚C unless otherwise noted.
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Short-Circuit
Current
Tj = 25˚C
2.1
1.5
1.2
A
Peak Output
Current
Tj = 25˚C
2.4
2.4
2.4
A
Average TC of
V
OUT
0˚C
≤ Tj ≤ +125˚C, I
O = 5 mA
0.6
1.5
1.8
mV/˚C
V
IN
Input Voltage
Required to
Maintain
Tj = 25˚C, I
O ≤ 1A
7.5
14.6
17.7
V
Line Regulation
Electrical Characteristics L78xxCV
Absolute Maximum Ratings
Input Voltage
(V
O = 5V, 12V and 15V)
35V
Internal Power Dissipation (Note 1)
Internally Limited
Operating Temperature Range (T
A)
0˚C to +70˚C
Maximum Junction Temperature
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
(TO-3 Package)
150˚C
(TO-220 Package)
150˚C
TO-3 Package
300˚C
TO-220 Package
230˚C
OutputVoltage
L7805CV
L7812CV
L7815CV
5V
12V
15V


Similar Part No. - L7805CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7805CV STMICROELECTRONICS-L7805CV Datasheet
1Mb / 34P
POSITIVE VOLTAGE REGULATORS
L7805CV STMICROELECTRONICS-L7805CV Datasheet
1Mb / 52P
Positive voltage regulators
L7805CV STMICROELECTRONICS-L7805CV Datasheet
1Mb / 56P
Positive voltage regulators
L7805CV STMICROELECTRONICS-L7805CV Datasheet
1Mb / 58P
Positive voltage regulator ICs
March 2014 Rev 32
logo
Inchange Semiconductor ...
L7805CV ISC-L7805CV Datasheet
245Kb / 2P
isc Three Terminal Positive Voltage Regulator
More results

Similar Description - L7805CV

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
LM78H05K THINKISEMI-LM78H05K Datasheet
634Kb / 5P
THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
LM7805CK THINKISEMI-LM7805CK Datasheet
655Kb / 5P
THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
LM7805K THINKISEMI-LM7805K Datasheet
633Kb / 5P
THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
LM7805CT THINKISEMI-LM7805CT Datasheet
650Kb / 5P
THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
L7805CT THINKISEMI-L7805CT Datasheet
632Kb / 5P
THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com